Electronic Components Datasheet Search
  English  ▼

X  

UM90016 Datasheet (PDF) - Nexperia B.V. All rights reserved

UM90016 Datasheet PDF - Nexperia B.V. All rights reserved
Part # UM90016
Download  UM90016 Download
File Size   11666.04 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NCA95xx GPIO expander EVB

UM90016 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM90016 Datasheet PDF - Nexperia B.V. All rights reserved

Part # UM90016
Download  UM90016 Click to download

File Size   11666.04 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NCA95xx GPIO expander EVB

UM90016 Datasheet (HTML) - Nexperia B.V. All rights reserved


UM90016 Product details

1.1. Features
• EVB name = NCA95xx EVB
• Device = NCA95xx
• Input voltage = 1.6 V to 5.5 V
• I²C to parallel port expansion
• Number of GPIOs = 2 ports with 8 bits
• Current drive capability = ± 25 mA
• I²C interface, Fast-Mode 400 kHz
• Open-drain active-low interrupt output
• Configurable slave address via 3 selection
pins (2 pins for NCA9539)
• Low-active reset input (NCA9539)
• Polarity inversion register (for read
operation)




Similar Part No. - UM90016

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
UM90020 NEXPERIA-UM90020 Datasheet
399Kb / 11P
NEH2000BY PMIC evaluation boards user guide
Rev. 1.1 11 July 2023
UM90022 NEXPERIA-UM90022 Datasheet
2Mb / 21P
NBM5100; NBM7100 Evaluation board module
Rev. 1 11 July 2023
UM90023 NEXPERIA-UM90023 Datasheet
1Mb / 12P
NEVB-NPS4053 load switch evaluation board
Rev. 1.0 7 August 2023
UM90027 NEXPERIA-UM90027 Datasheet
1Mb / 14P
NEVB-NPS1000 load switch evaluation boar
Rev. 1.2 24 June 2024
UM90030 NEXPERIA-UM90030 Datasheet
1Mb / 12P
load switch evaluation board
Rev. 1.0 19 February 2024
More results


Similar Description - UM90016

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
GPIO Expander IC
BU8272GUW ROHM-BU8272GUW Datasheet
391Kb / 18P
GPIO Expander IC
logo
Texas Instruments
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Microchip Technology
EVB-LAN9252 MICROCHIP-EVB-LAN9252 Datasheet
2Mb / 55P
EVB-LAN9252-HBI-SPI-SQI-GPIO EtherCAT짰 HBI/SPIGPIO
01/27/15
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
8-BIT I2C/SMBUS GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
16-BIT I2C/SMBUS GPIO EXPANDER
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
8-BIT SPI GPIO EXPANDER
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
8-BIT SPI GPIO EXPANDER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com