Electronic Components Datasheet Search
  English  ▼

X  

FXC.35.A Datasheet (PDF) - Taoglas antenna solutions

FXC.35.A Datasheet PDF - Taoglas antenna solutions
Part # FXC.35.A
Download  FXC.35.A Download
File Size   1321.42 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.35 Series

FXC.35.A Datasheet (PDF)

Go To PDF Page Download Datasheet
FXC.35.A Datasheet PDF - Taoglas antenna solutions

Part # FXC.35.A
Download  FXC.35.A Click to download

File Size   1321.42 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.35 Series

FXC.35.A Datasheet (HTML) - Taoglas antenna solutions


FXC.35.A Product details

Description:
Circular Form Factor Flexible Near Field Communications Antenna

Features:
13.56 MHz Antenna
Flexible Low Profile Embedded
Typical interrogation distance: 40 mm
Dimensions:
• Diameter: 35 mm
• Thickness: 0.14 mm - FXC.35.A - NFC without ferrite
• Thickness: 0.27 mm - FXC.35.A.dg - NFC with ferrite
• Thickness: 0.27 mm - FXC.35.52.0075X.A.dg - NFC with ferrite and 75mm twisted cable.
Peel and stick 3M adhesive
RoHS & Reach Compliant




Similar Part No. - FXC.35.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXC.35.52.0075X.B.DG TAOGLAS-FXC.35.52.0075X.B.DG Datasheet
1Mb / 14P
FXC.35.B Series
Revision: A 2024-06-14
FXC.35.B TAOGLAS-FXC.35.B Datasheet
1Mb / 14P
FXC.35.B Series
Revision: A 2024-06-14
FXC.35.B.DG TAOGLAS-FXC.35.B.DG Datasheet
1Mb / 14P
FXC.35.B Series
Revision: A 2024-06-14
More results


Similar Description - FXC.35.A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BS-35 DBLECTRO-BS-35 Datasheet
71Kb / 1P
BS-35
logo
Molex Electronics Ltd.
39351-00 MOLEX-39351-00 Datasheet
139Kb / 2P
35 Series Pluggable Terminal Blocks
logo
New Jersey Semi-Conduct...
1N3070 NJSEMI-1N3070 Datasheet
133Kb / 1P
D0-35
logo
Bourns Electronic Solut...
PWR220T-35-10R0F BOURNS-PWR220T-35-10R0F Datasheet
302Kb / 2P
PWR220T-35 Series Power Resistor
logo
XP Power Limited
MTC XPPOWER-MTC Datasheet
200Kb / 4P
35150 Watts Series
logo
PHOENIX CONTACT
3006182 PHOENIX-3006182 Datasheet
165Kb / 6P
UIK 35
3008012 PHOENIX-3008012 Datasheet
177Kb / 8P
UK 35
3036178 PHOENIX-3036178 Datasheet
169Kb / 5P
ST 35
3044225 PHOENIX-3044225 Datasheet
164Kb / 6P
UT 35
logo
Weidmuller
2551510000 WEIDMULLER-2551510000 Datasheet
223Kb / 5P
A2C 35
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com