Electronic Components Datasheet Search
  English  ▼

X  

FXC.35.B Datasheet (PDF) - Taoglas antenna solutions

FXC.35.B Datasheet PDF - Taoglas antenna solutions
Part # FXC.35.B
Download  FXC.35.B Download
File Size   1783.37 Kbytes
Page   14 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.35.B Series

FXC.35.B Datasheet (PDF)

Go To PDF Page Download Datasheet
FXC.35.B Datasheet PDF - Taoglas antenna solutions

Part # FXC.35.B
Download  FXC.35.B Click to download

File Size   1783.37 Kbytes
Page   14 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.35.B Series

FXC.35.B Datasheet (HTML) - Taoglas antenna solutions


FXC.35.B Product details

Description:
NFC Flex Antenna (⌀35*0.3mm) with a Reverse Ferrite Layer and adhesive backing

Features:
13.56 MHz Antenna
Reverse Ferrite Layer
Flexible Low Profile Embedded
Dimensions:
•Diameter: 35mm
•FXC.35.B.dg - NFC with ferrite
•FXC.35.52.0075X.B.dg - NFC with ferrite and 75mm Twisted Pair 28AWG cable with ACH(F) connector
Peel and stick 3M adhesive
RoHS & Reach Compliant




Similar Part No. - FXC.35.B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXC.35.52.0075X.A.DG TAOGLAS-FXC.35.52.0075X.A.DG Datasheet
1Mb / 15P
FXC.35 Series
Revision: A 2022-09-01
FXC.35.A TAOGLAS-FXC.35.A Datasheet
1Mb / 15P
FXC.35 Series
Revision: A 2022-09-01
FXC.35.A.DG TAOGLAS-FXC.35.A.DG Datasheet
1Mb / 15P
FXC.35 Series
Revision: A 2022-09-01
More results


Similar Description - FXC.35.B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39351-00 MOLEX-39351-00 Datasheet
139Kb / 2P
35 Series Pluggable Terminal Blocks
logo
Tyco Electronics
B11LS MACOM-B11LS Datasheet
55Kb / 1P
CONNECTORS B SERIES
logo
Bourns Electronic Solut...
PWR220T-35-10R0F BOURNS-PWR220T-35-10R0F Datasheet
302Kb / 2P
PWR220T-35 Series Power Resistor
logo
Littelfuse
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
SL1021A/B, SL1024A/B and PMT8 Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
SL1021A/B, SL1024A/B and PMT8 Series
logo
XP Power Limited
MTC XPPOWER-MTC Datasheet
200Kb / 4P
35150 Watts Series
logo
PHOENIX CONTACT
2701569 PHOENIX-2701569 Datasheet
65Kb / 5P
Device terminal block - GE 35/2-B
2701570 PHOENIX-2701570 Datasheet
53Kb / 4P
Device terminal block - GE 35/2-B BU
2706700 PHOENIX-2706700 Datasheet
53Kb / 3P
Cover - ME B-SA/NS 35 KMGY
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com