Electronic Components Datasheet Search
  English  ▼

X  

DC2373A Datasheet (PDF) - Analog Devices

DC2373A Datasheet PDF - Analog Devices
Part # DC2373A
Download  DC2373A Download
File Size   607.17 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8641 65V, 3.5A Micropower Synchronous Step-Down Silent Switcher

DC2373A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2373A Datasheet PDF - Analog Devices

Part # DC2373A
Download  DC2373A Click to download

File Size   607.17 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8641 65V, 3.5A Micropower Synchronous Step-Down Silent Switcher

DC2373A Datasheet (HTML) - Analog Devices


DC2373A Product details

Description
Demonstration circuit 2373A is a 65V, 3.5A micropower
synchronous step-down Silent Switcher® with spread
spectrum frequency modulation featuring the LT®8641.
The demo board is designed for 5V output from a 5.5V to
65V input. The wide input range allows a variety of input
sources, such as automotive batteries and industrial supplies.
The LT8641 is a compact, ultralow emission, high
efficiency, high speed synchronous monolithic step-down
switching regulator that consumes only 2.5μA of quiescent
current when output is regulated at 5V. Top and bottom
power switches, compensation components and other
necessary circuits are inside of the LT8641 to minimize
external components and simplify design.
The SYNC pin on the demo board is grounded by default
for low ripple burst mode operation. Move JP1 to PULSE
SKIPPING position can change the operation mode to
pulse-skipping operation. Once JP1 is on SPREAD SPECTRUM
position, VCC is applied to the SYNC pin for low
EMI spread spectrum operation. To synchronous to an
external clock, move JP1 to SYNC and apply the external
clock to the SYNC turret. Figure 1 shows the efficiency of
the circuit at 12V and 24V input in Burst Mode® operation
(input from VIN turret pin). Figure 2 shows the LT8641
temperature rising on DC2373A demo board under different
load conditions. The rated maximum load current is
3.5A, while derating is necessary for certain input voltage
and thermal conditions.
The demo board has an EMI filter installed. Under burst
and spread spectrum operation, the EMI performances of
the board (with EMI filter) are shown in Figure 3 and 4. The
red lines in Figure 3 and 4 are CISPR25 Class5 peak limit.
To achieve EMI/EMC performance as shown in Figure 3
and 4, the input EMI filter is required and the input voltage
should be applied at VEMI turret pin.
This board is suitable for a wide range of automotive,
telecom, industrial, and other applications.
The LT8641 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this demo manual
for DC2373A.




Similar Part No. - DC2373A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC23 ETC2-DC23 Datasheet
99Kb / 1P
UHF/VHF DIRECTIONAL COUPLER
logo
Yantel Corporation
DC2300P18 YANTEL-DC2300P18 Datasheet
780Kb / 9P
Directional Coupler
logo
Analog Devices
DC2327A AD-DC2327A Datasheet
1Mb / 8P
LTM4653 EN55022B Compliant 58V, 4A Step-Down DC/DC μModule Regulator
Rev 0 Thursday, January 25, 2018
logo
Anaren Microwave
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
Ultra Low Profile 0805
DC2337J5010AHF ANAREN-DC2337J5010AHF Datasheet
255Kb / 8P
Ultra Low Profile 0805 10dB Directional Coupler
More results


Similar Description - DC2373A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
logo
Analog Devices
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com