Electronic Components Datasheet Search
  English  ▼

X  

DC2327A Datasheet (PDF) - Analog Devices

DC2327A Datasheet PDF - Analog Devices
Part # DC2327A
Download  DC2327A Download
File Size   1151.28 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM4653 EN55022B Compliant 58V, 4A Step-Down DC/DC μModule Regulator

DC2327A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2327A Datasheet PDF - Analog Devices

Part # DC2327A
Download  DC2327A Click to download

File Size   1151.28 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM4653 EN55022B Compliant 58V, 4A Step-Down DC/DC μModule Regulator

DC2327A Datasheet (HTML) - Analog Devices


DC2327A Product details

DESCRIPTION
Demonstration circuit 2327A is a step-down DC/DC converter
with 28V to 58V input voltage, 24V output voltage
and max 4A output featuring the LTM4653Y. The
LTM®4653 is an ultralow noise, 58V, 4A step-down DC/
DC μModule regulator. It is designed to meet the radiated
emissions requirement of EN55022B. A switching
frequency range of 250kHz to 3MHz is supported and
the module can synchronize to an external clock. The
LTM4653 data sheet must be read in conjunction with
this demo manual prior to working on or modifying demo
circuit DC2327A.




Similar Part No. - DC2327A

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
Ultra Low Profile 0805
More results


Similar Description - DC2327A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
logo
Linear Technology
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com