Electronic Components Datasheet Search
  English  ▼

X  

975319 Datasheet (PDF) - KNIPEX

975319 Datasheet PDF - KNIPEX
Part # 975319
Download  975319 Download
File Size   518.43 Kbytes
Page   4 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX Twistor T With rotatable die head

975319 Datasheet (PDF)

Go To PDF Page Download Datasheet
975319 Datasheet PDF - KNIPEX

Part # 975319
Download  975319 Click to download

File Size   518.43 Kbytes
Page   4 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX Twistor T With rotatable die head

975319 Datasheet (HTML) - KNIPEX


975319 Product details

General
Article No. 97 53 19
EAN 4003773088097
Pliers chrome-plated
Head chrome-plated
Handles with multi-component grips
Weight 486 g
Dimensions 200 x 80 x 26 mm
REACH compliant contains SVHC
RoHS compliant not applicable




Similar Part No. - 975319

ManufacturerPart #DatasheetDescription
logo
KNIPEX
975314 KNIPEX-975314 Datasheet
157Kb / 2P
Self-Adjusting Crimping Pliers for wire ferrules With lateral access
05.07.2021
975314SB KNIPEX-975314SB Datasheet
557Kb / 4P
Self-Adjusting Crimping Pliers for wire ferrules With lateral access
05.05.2022
975318 KNIPEX-975318 Datasheet
293Kb / 3P
KNIPEX Twistor®16 Self-Adjusting Crimping Pliers for wire ferrules With rotatable die head
05.07.2021
More results


Similar Description - 975319

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-2563 ALCOA-99-2563 Datasheet
116Kb / 2P
Non Self-releasing, Rotatable
99-2555 ALCOA-99-2555 Datasheet
142Kb / 2P
Non Self-releasing, Rotatable
99-2553T ALCOA-99-2553T Datasheet
124Kb / 2P
Non Self-releasing, Rotatable
logo
Glenair, Inc.
450AA029XO08 GLENAIR-450AA029XO08 Datasheet
352Kb / 1P
Strain-Relief with Self-Locking Rotatable Coupling
340MS001 GLENAIR-340MS001 Datasheet
206Kb / 1P
Shorting Cap with Rotatable Coupling
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
STRATO-THERM Die Head Assembly
logo
Tyco Electronics
408-10176 MACOM-408-10176 Datasheet
147Kb / 3P
The tool consists of a head with a stationary die holder and moving die holder and handles with a ratchet.
logo
TE Connectivity Ltd
408-10428 TEC-408-10428 Datasheet
989Kb / 11P
Modular T-Head
logo
Carlo Gavazzi Holding A...
IRC40 CARLOGAVAZZI-IRC40 Datasheet
2Mb / 16P
Proximity inductive sensors with rectangular housing and 5 positions rotatable head
04/07/2022
logo
Molex Electronics Ltd.
0192860058 MOLEX-0192860058 Datasheet
27Kb / 1P
12 TON Crimp Head with HHLD Die Holders Only
08/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com