Electronic Components Datasheet Search
  English  ▼

X  

975318 Datasheet (PDF) - KNIPEX

975318 Datasheet PDF - KNIPEX
Part # 975318
Download  975318 Download
File Size   293.65 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX Twistor®16 Self-Adjusting Crimping Pliers for wire ferrules With rotatable die head

975318 Datasheet (PDF)

Go To PDF Page Download Datasheet
975318 Datasheet PDF - KNIPEX

Part # 975318
Download  975318 Click to download

File Size   293.65 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX Twistor®16 Self-Adjusting Crimping Pliers for wire ferrules With rotatable die head

975318 Datasheet (HTML) - KNIPEX


975318 Product details

General
Article No. 97 53 18
EAN 4003773082729
Pliers chrome-plated
Head chrome-plated
Handles with multi-component grips
Weight 478 g
Dimensions 200 x 80 x 26 mm
Reach no
RohS no




Similar Part No. - 975318

ManufacturerPart #DatasheetDescription
logo
KNIPEX
975314 KNIPEX-975314 Datasheet
157Kb / 2P
Self-Adjusting Crimping Pliers for wire ferrules With lateral access
05.07.2021
975314SB KNIPEX-975314SB Datasheet
557Kb / 4P
Self-Adjusting Crimping Pliers for wire ferrules With lateral access
05.05.2022
975319 KNIPEX-975319 Datasheet
518Kb / 4P
KNIPEX Twistor T With rotatable die head
05.05.2022
More results


Similar Description - 975318

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-16-S PHOENIX-CRIMPFOX-16-S Datasheet
46Kb / 2P
Crimping pliers for ferrules up to 16 mm짼
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
1207983 PHOENIX-1207983 Datasheet
46Kb / 2P
Crimping pliers - CRIMPFOX 16 S
1212686 PHOENIX-1212686 Datasheet
56Kb / 3P
Crimping pliers - CRIMPFOX 16-N
logo
Weidmuller
9006450000 WEIDMULLER-9006450000 Datasheet
678Kb / 8P
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021
logo
SparkFun Electronics
TOL-14872 SPARKFUN-TOL-14872 Datasheet
877Kb / 2P
Self-Adjusting Wire Strippers
9??7??8
logo
Molex Electronics Ltd.
63816-1730 MOLEX-63816-1730 Datasheet
316Kb / 4P
Power Crimp Head For Wire Ferrules
08-28-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com