Electronic Components Datasheet Search
  English  ▼

X  

DKT30CHPD3 Datasheet (PDF) - StarTech.com Ltd.

DKT30CHPD3 Datasheet PDF - StarTech.com Ltd.
Part # DKT30CHPD3
Download  DKT30CHPD3 Download
File Size   149.3 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to HDMI 2.0b 4K 60Hz (HDR10), 100W Power Delivery Pass-Through, 4-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable

DKT30CHPD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT30CHPD3 Datasheet PDF - StarTech.com Ltd.

Part # DKT30CHPD3
Download  DKT30CHPD3 Click to download

File Size   149.3 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to HDMI 2.0b 4K 60Hz (HDR10), 100W Power Delivery Pass-Through, 4-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable

DKT30CHPD3 Datasheet (HTML) - StarTech.com Ltd.


DKT30CHPD3 Product details

Features
• 5-IN-1 MULTIPORT ADAPTER: USB-C multiport adapter with DP 1.4 Alt-Mode up to 4K 60Hz (4K 30Hz with DP
1.2) HDMI 2.0b (HDR10) video; 4-Port USB Hub 5Gbps: 3x USB-A (USB 3.2/3.1 Gen 1) with 1x BC 1.2 charging, 1x
USB-C (100W PD Passthrough)
• EXTRA LONG CABLE: USB C to HDMI multiport adapter with 12" (30cm) attached cable for extended reach to
reduce port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite x2 & laptops on riser stands
• PORTABLE & COMPACT: Portable all-in-one USB Type-C multiport adapter is made from durable aluminum &
designed for easy transport in a laptop bag for convenient on-the-go use between office, home office, shared office
spaces, and business travel
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 12W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 88W for laptop charging
• WIDE COMPATIBILITY: Compatible with USB-C laptops, ultrabooks & Chromebooks, plus Thunderbolt 3 laptops
from HP, Dell, Lenovo, MacBooks (Intel processor & M1 chip), and Surface Laptop 4; USBC mini dock works w/
Windows, macOS, iPadOS, Android & Chrome OS
• 4K 60HZ WITH DP 1.4 ALT-MODE: Supports 4K 60Hz on host devices that support DP 1.4 Alt-Mode (min. Intel
11th Gen); on host devices that support DP 1.2 Alt-Mode, maximum video output resolution is 4K 30Hz; works w/
ultra-wide monitors up to 3440x1440@60Hz




Similar Part No. - DKT30CHPD3

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHSDPD STARTECH-DKT30CHSDPD Datasheet
139Kb / 5P
USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
DKT30CHSDPD1 STARTECH-DKT30CHSDPD1 Datasheet
142Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through,SD/MicroSD, 2-Port USB 3.0 Hub, GbE - USB Type-C Mini Dock - 12" Long Attached Cable
DKT30CHVAUSP STARTECH-DKT30CHVAUSP Datasheet
147Kb / 5P
USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet
DKT30CHVPD2 STARTECH-DKT30CHVPD2 Datasheet
151Kb / 5P
USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
DKT30CHVSDPD STARTECH-DKT30CHVSDPD Datasheet
148Kb / 6P
USB C Multiport Adapter - HDMI 4K 30Hz or VGA Travel Dock - 5Gbps USB 3.0 Hub (USB A / USB C Ports) - 100W Power Delivery - SD/Micro SD - GbE - 30cm Cable - USB C Mini Dock
More results


Similar Description - DKT30CHPD3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Tripp Lite. All Rights ...
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com