Electronic Components Datasheet Search
  English  ▼

X  

DKT30CHVAUSP Datasheet (PDF) - StarTech.com Ltd.

DKT30CHVAUSP Datasheet PDF - StarTech.com Ltd.
Part # DKT30CHVAUSP
Download  DKT30CHVAUSP Download
File Size   147.61 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet

DKT30CHVAUSP Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT30CHVAUSP Datasheet PDF - StarTech.com Ltd.

Part # DKT30CHVAUSP
Download  DKT30CHVAUSP Click to download

File Size   147.61 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet

DKT30CHVAUSP Datasheet (HTML) - StarTech.com Ltd.


DKT30CHVAUSP Product details

Applications
• Seamlessly create a familiar and productive workstation wherever
you travel
• Creative professionals can use the built-in card reader to access
multimedia

Features
• 8-IN-1 MULTI PURPOSE DOCK: USB-C multiport adapter eliminates
the need for multiple adapters w/ 4K30Hz HDMI or 1080p VGA,
5Gbps USB (2x USB-A, USB-C), SD slot, Gigabit Ethernet,
headset/mic audio jack
• 100W POWER DELIVERY 3.0: Use your laptop’s USB-C power adapter
to power the dock and provide up to 85W to power & charge your
laptop, w/ 15W always reserved for the USB type-c travel dock hub
• EXTRA LONG CABLE: 1ft (30cm) attached cable on this usb-c mini
dock for extended reach to reduce port/connector strain on 2-in-1
devices like Surface Pro 7, iPad Pro, HP Elite & laptop on riser stands
• WIDE DEVICE COMPATIBILITY: Compatible w/ USB-C & Thunderbolt
3 laptops, tablets, or smartphones, this portable USB-C docking
station works w/ HP, Lenovo, Dell, MacBook, Chromebook &
Samsung Galaxy
• WIDE OPERATING SYSTEM COMPATIBILITY: With automatic driver
setup, this all-in-one USB-C multiport adapter supports all major
operating systems, including Windows, macOS, ChromeOS, iPadOS
and Android




Similar Part No. - DKT30CHVAUSP

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHVPD2 STARTECH-DKT30CHVPD2 Datasheet
151Kb / 5P
USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
DKT30CHVSDPD STARTECH-DKT30CHVSDPD Datasheet
148Kb / 6P
USB C Multiport Adapter - HDMI 4K 30Hz or VGA Travel Dock - 5Gbps USB 3.0 Hub (USB A / USB C Ports) - 100W Power Delivery - SD/Micro SD - GbE - 30cm Cable - USB C Mini Dock
More results


Similar Description - DKT30CHVAUSP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK11-S TRIPPLITE-U442-DOCK11-S Datasheet
166Kb / 4P
USB-C Docking Station, 4K @ 30 Hz, HDMI, Thunderbolt 3, USB-A Hub, PD Charging, SD/Micro SD, GbE - Silver
U442-DOCK12-S TRIPPLITE-U442-DOCK12-S Datasheet
164Kb / 4P
USB-C Docking Station, (x2) HDMI VGA, Thunderbolt 3, USB-A, PD Charging ??1080p @ 60 Hz, Silver
U442-DOCK13-S TRIPPLITE-U442-DOCK13-S Datasheet
166Kb / 4P
USB-C Docking Station, 4K @ 30 Hz, HDMI, Thunderbolt 3, USB Hub, Gb Ethernet ??Silver
U442-DOCK1-B TRIPPLITE-U442-DOCK1-B Datasheet
182Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30Hz, Thunderbolt 3 - USB-A, PD Charging, Black
U442-DOCK2-S TRIPPLITE-U442-DOCK2-S Datasheet
165Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3 - USB-A, PD Charging, Silver
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com