Electronic Components Datasheet Search
  English  ▼

X  

2202160 Datasheet (PDF) - KNIPEX

2202160 Datasheet PDF - KNIPEX
Part # 2202160
Download  2202160 Download
File Size   127.47 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Round Nose Pliers

2202160 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202160 Datasheet PDF - KNIPEX

Part # 2202160
Download  2202160 Click to download

File Size   127.47 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Round Nose Pliers

2202160 Datasheet (HTML) - KNIPEX


2202160 Product details

General
Article No. 22 02 160
EAN 4003773023173
Pliers black atramentized
Head polished
Handles with multi-component grips
Weight 170 g
Dimensions 160 x 57 x 19 mm
Standard DIN ISO 5745
Reach no
RohS no




Similar Part No. - 2202160

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202100 PHOENIX-2202100 Datasheet
195Kb / 5P
UM-ALU 4-100,5 FRONT 200 AP - Front plate
2202101 PHOENIX-2202101 Datasheet
195Kb / 5P
UM-ALU 4-100,5 FRONT 235 AP - Front plate
2202102 PHOENIX-2202102 Datasheet
52Kb / 2P
Panel mounting base, length: 990 mm, Front plate, color: aluminum color, width: 101.8 mm, height: 2 mm
2202104 PHOENIX-2202104 Datasheet
378Kb / 10P
GMSTBT 2,5 HV/3-ST-7,25 BK - PCB connector
2202115 PHOENIX-2202115 Datasheet
334Kb / 10P
ME 17,5 OT-MKDSO SET RD - Upper housing part
More results


Similar Description - 2202160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
NOSE ASSEMBLY
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
10334 ETC2-10334 Datasheet
46Kb / 1P
Item 10334, Technik 6" Round Nose
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com