Electronic Components Datasheet Search
  English  ▼

X  

2202115 Datasheet (PDF) - PHOENIX CONTACT

2202115 Datasheet PDF - PHOENIX CONTACT
Part # 2202115
Download  2202115 Download
File Size   334.22 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 17,5 OT-MKDSO SET RD - Upper housing part

2202115 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202115 Datasheet PDF - PHOENIX CONTACT

Part # 2202115
Download  2202115 Click to download

File Size   334.22 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 17,5 OT-MKDSO SET RD - Upper housing part

2202115 Datasheet (HTML) - PHOENIX CONTACT


2202115 Product details

DIN rail housing, Set comprised of upper housing part and 4 PCB terminal blocks (3-pos.) with
screw connection, width: 17.6 mm, height: 99 mm, depth: 45.85 mm, color: red (similar RAL
3001)




Similar Part No. - 2202115

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202100 PHOENIX-2202100 Datasheet
195Kb / 5P
UM-ALU 4-100,5 FRONT 200 AP - Front plate
2202101 PHOENIX-2202101 Datasheet
195Kb / 5P
UM-ALU 4-100,5 FRONT 235 AP - Front plate
2202102 PHOENIX-2202102 Datasheet
52Kb / 2P
Panel mounting base, length: 990 mm, Front plate, color: aluminum color, width: 101.8 mm, height: 2 mm
2202104 PHOENIX-2202104 Datasheet
378Kb / 10P
GMSTBT 2,5 HV/3-ST-7,25 BK - PCB connector
logo
KNIPEX
2202140 KNIPEX-2202140 Datasheet
128Kb / 2P
Round Nose Pliers
05.07.2021
More results


Similar Description - 2202115

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907473 PHOENIX-2907473 Datasheet
69Kb / 4P
Electronic housing - ME 22,5 OT-MKDSO SET
2201454 PHOENIX-2201454 Datasheet
172Kb / 11P
Upper part of housing - BC 161,6 OT 000022 KMGY
09/12/2020
2201607 PHOENIX-2201607 Datasheet
51Kb / 2P
Upper part of housing - BC 53,6 OT U11 BK
12/02/2018
2278513 PHOENIX-2278513 Datasheet
139Kb / 10P
Upper part of housing - BC 161,6 OT U11 KMGY
09/12/2020
2278526 PHOENIX-2278526 Datasheet
175Kb / 12P
Upper part of housing - BC 161,6 OT U22 KMGY
09/12/2020
2896076 PHOENIX-2896076 Datasheet
144Kb / 10P
Upper part of housing - BC 107,6 OT U11 KMGY
09/12/2020
2896089 PHOENIX-2896089 Datasheet
175Kb / 12P
Upper part of housing - BC 107,6 OT U22 KMGY
09/12/2020
2202718 PHOENIX-2202718 Datasheet
301Kb / 5P
Upper part of housing - ME 12,5 OT-MKDSO BU
11/25/2021
2278940 PHOENIX-2278940 Datasheet
199Kb / 10P
Upper part of housing - ME 17,5 OTU-MKDSO KMGY
11/25/2021
1340863 PHOENIX-1340863 Datasheet
497Kb / 12P
Upper part of housing - BC 107,6 OT 1D1K1P0RKMGY
Nov 3, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com