Electronic Components Datasheet Search
  English  ▼

X  

RC22504A Datasheet (PDF) - Renesas Technology Corp

RC22504A Datasheet PDF - Renesas Technology Corp
Part # RC22504A_V02
Download  RC22504A Download
File Size   2166.36 Kbytes
Page   81 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®2 Sub-100fs Frequency Synthesizer

RC22504A Datasheet (PDF)

Go To PDF Page Download Datasheet
RC22504A Datasheet PDF - Renesas Technology Corp

Part # RC22504A_V02
Download  RC22504A Click to download

File Size   2166.36 Kbytes
Page   81 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®2 Sub-100fs Frequency Synthesizer

RC22504A Datasheet (HTML) - Renesas Technology Corp


RC22504A Product details

• Jitter as low as 64 fs RMS maximum (10kHz to 20MHz)
• PLL core consists of fractional-feedback Analog PLL (APLL)
○ Operates from a 25MHz to 80MHz crystal or XO
○ APLL frequency independent of input / crystal frequency
○ Operates as a frequency synthesizer or Digitally
Controlled Oscillator (DCO)
○ DCO has tuning granularity of < 1ppb
• Programmable status output
• 4 differential / 8 LVCMOS outputs
○ Any frequency from 10MHz to 1GHz (180MHz for LVCMOS)
○ Programmable output buffer supports HCSL
(DC-coupled), LVDS/LVPECL/CML (AC-coupled)
or two LVCMOS
○ Differential output swing is selectable: 400mV to 800mV
○ Output Enable input with programmable effect




Similar Part No. - RC22504A_V02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC22504A RENESAS-RC22504A_V01 Datasheet
2Mb / 81P
FemtoClock®2 Sub-100fs Frequency Synthesizer
Aug 1, 2025
More results


Similar Description - RC22504A_V02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844003EI-01 RENESAS-844003EI-01 Datasheet
488Kb / 15P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
November 11, 2016
844003I-04 RENESAS-844003I-04 Datasheet
514Kb / 20P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
November 10, 2016
844008I-01 RENESAS-844008I-01 Datasheet
607Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
4/22/15
844008I-15 RENESAS-844008I-15 Datasheet
489Kb / 16P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
7/2/15
8421002I-01 RENESAS-8421002I-01 Datasheet
373Kb / 16P
FemtoClock® Crystal-to-HSTL Frequency Synthesizer
8/14/15
RC22504A RENESAS-RC22504A Datasheet
2Mb / 81P
FemtoClock®2 Sub-100fs Frequency Synthesizer
Nov.10.22
RC22514A RENESAS-RC22514A Datasheet
2Mb / 76P
FemtoClock®2 Sub-100fs Frequency Synthesizer
Nov.11.22
RC32504A RENESAS-RC32504A Datasheet
3Mb / 100P
FemtoClock®2 Sub-100fs Universal Frequency Translator
Nov 11, 2022
RC32514A RENESAS-RC32514A Datasheet
3Mb / 97P
FemtoClock®2 Sub-100fs Universal Frequency Translator
Nov.11.22
844004I-104 RENESAS-844004I-104 Datasheet
599Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com