Electronic Components Datasheet Search
  English  ▼

X  

RC32504A Datasheet (PDF) - Renesas Technology Corp

RC32504A Datasheet PDF - Renesas Technology Corp
Part # RC32504A
Download  RC32504A Download
File Size   3218.55 Kbytes
Page   100 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®2 Sub-100fs Universal Frequency Translator

RC32504A Datasheet (PDF)

Go To PDF Page Download Datasheet
RC32504A Datasheet PDF - Renesas Technology Corp

Part # RC32504A
Download  RC32504A Click to download

File Size   3218.55 Kbytes
Page   100 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®2 Sub-100fs Universal Frequency Translator

RC32504A Datasheet (HTML) - Renesas Technology Corp


RC32504A Product details

Features
• Jitter below 100fs RMS (10kHz to 20MHz)
• Compliant with ITU-T G.8262 for synchronous
Ethernet/OTN (EEC/OEC) and ITU-T G.8262.1 for
enhanced synchronous Ethernet/OTN
(eEEC/eOEC)
• PLL core consists of fractional-feedback Analog
PLL (APLL) which can optionally be steered by a
Digital PLL (DPLL)
○ Operates from a 25MHz to 80MHz crystal or XO
○ APLL frequency independent of input/crystal
frequency
○ Operates as a frequency synthesizer, jitter
attenuator, synchronous equipment slave clock or
Digitally Controlled Oscillator (DCO)
○ DPLL loop filter programmable from 0.1Hz to
12kHz
○ DCO has tuning granularity of < 1ppt
• Programmable input buffer supports HCSL, LVDS,
or two LVCMOS with no external terminations
needed
○ Input frequencies: 1MHz to 800MHz (250MHz for
LVCMOS)
○ Reference monitor qualifies/disqualifies input
clock
• Programmable status output
• 4 differential/8 LVCMOS outputs
○ Any frequency from 10MHz to 1GHz (180MHz for
LVCMOS)
○ Programmable output buffer supports HCSL
(DC-coupled), LVDS/LVPECL/CML (AC-coupled)
or two LVCMOS
○ Differential output swing is selectable: 400mV to
800mV
○ Output Enable input with programmable effect
• Supports up to 1MHz I2C or up to 20MHz SPI serial
processor port
• Can configure itself automatically after reset
through internal customer-definable One-Time
Programmable (OTP) memory with up to four
different configurations
• 4 × 4 mm 24-QFN package




Similar Part No. - RC32504A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32504A RENESAS-RC32504A Datasheet
2Mb / 100P
FemtoClock®2 Sub-100fs Universal Frequency Translator
Aug 1, 2025
RC32504ADDDGNK#BB0 RENESAS-RC32504ADDDGNK#BB0 Datasheet
2Mb / 100P
FemtoClock®2 Sub-100fs Universal Frequency Translator
Aug 1, 2025
RC32504ADDDGNK#KB0 RENESAS-RC32504ADDDGNK#KB0 Datasheet
2Mb / 100P
FemtoClock®2 Sub-100fs Universal Frequency Translator
Aug 1, 2025
RC32504A RENESAS-RC32504A_V01 Datasheet
2Mb / 100P
FemtoClock®2 Sub-100fs Universal Frequency Translator
Aug 1, 2025
More results


Similar Description - RC32504A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N241 RENESAS-8T49N241 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
March 5, 2019
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
849N202 RENESAS-849N202 Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
May 20, 2016
RC22504A RENESAS-RC22504A Datasheet
2Mb / 81P
FemtoClock®2 Sub-100fs Frequency Synthesizer
Nov.10.22
RC22514A RENESAS-RC22514A Datasheet
2Mb / 76P
FemtoClock®2 Sub-100fs Frequency Synthesizer
Nov.11.22
RC32514A RENESAS-RC32514A Datasheet
3Mb / 97P
FemtoClock®2 Sub-100fs Universal Frequency Translator
Nov.11.22
ICS840N202I RENESAS-ICS840N202I Datasheet
684Kb / 32P
FemtoClock® NG Universal Frequency Translator
NOVEMBER 1, 2013
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
IDT8T49N222I RENESAS-IDT8T49N222I Datasheet
896Kb / 41P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com