Electronic Components Datasheet Search
  English  ▼

X  

E220B Datasheet (PDF) - Sanken electric

E220B Datasheet PDF - Sanken electric
Part # E220B
Download  E220B Download
File Size   198.94 Kbytes
Page   8 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description VRM = 150 V, IF(AV) = 20 A Schottky Diode

E220B Datasheet (PDF)

Go To PDF Page Download Datasheet
E220B Datasheet PDF - Sanken electric

Part # E220B
Download  E220B Click to download

File Size   198.94 Kbytes
Page   8 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description VRM = 150 V, IF(AV) = 20 A Schottky Diode

E220B Datasheet (HTML) - Sanken electric


E220B Product details

Description
The FMEN-220B is a 150 V, 20 A Schottky diode
with allowing improvements in VF characteristic.
These characteristic features contribute to improving
power supply efficiency and to enabling high-frequency
systems.

Features
● VRM---------------------------------------------------- 150 V
● IF(AV)----------------------------------------------------- 20 A
● VF (IF = 10 A) -------------------------------- 0.90 V typ.
● Bare Lead Frame: Pb-free (RoHS Compliant)
● Flammability: Equivalent to UL94V-0

Applications
High speed switching applications as follows:
● DC-DC Converter
● Adapter




Similar Part No. - E220B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E2200 INTEL-E2200 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
Moxa Inc.
E2200 MOXA-E2200 Datasheet
1Mb / 8P
Smart Ethernet remote I/O with Click&Go Logic
logo
General Cable Technolog...
E2200S GENERAL-E2200S Datasheet
74Kb / 1P
2C 18 SOLID BC FLEX OAS FLEX Sound, Alarm & Security Cable
E2202S GENERAL-E2202S Datasheet
74Kb / 1P
2C 18 7/26 BC FLEX OAS FLEX Sound, Alarm & Security Cable
E2203S GENERAL-E2203S Datasheet
74Kb / 1P
3C 18 7/26 BC FLEX OAS FLEX Sound, Alarm & Security Cable
More results


Similar Description - E220B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32E-150 NXP-BYV32E-150 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 150 V
Rev. 04-2 March 2009
logo
ON Semiconductor
NSR20206NXT5G ONSEMI-NSR20206NXT5G Datasheet
62Kb / 5P
2 A, 20 V Schottky Barrier Diode
July, 2016 ??Rev. 0
logo
Sanken electric
CTXS-5306S SANKEN-CTXS-5306S Datasheet
269Kb / 6P
VRM = 600 V, IF(AV) = 30 A, trr = 35 ns Fast Recovery Diode
CTXS-5606S SANKEN-CTXS-5606S Datasheet
276Kb / 6P
VRM = 600 V, IF(AV) = 60 A, trr = 50 ns Fast Recovery Diode
FML-4202S SANKEN-FML-4202S Datasheet
243Kb / 6P
VRM = 200 V, IF(AV) = 20 A, trr = 40 ns Fast Recovery Diode
FMLB-4204S SANKEN-FMLB-4204S Datasheet
240Kb / 6P
VRM = 400 V, IF(AV) = 20 A, trr = 50 ns Fast Recovery Diode
FMNS-4606S SANKEN-FMNS-4606S Datasheet
251Kb / 6P
VRM = 600 V, IF(AV) = 60 A, trr = 100 ns Fast Recovery Diode
logo
WeEn Semiconductors
BYV32E-150 WEEN-BYV32E-150 Datasheet
385Kb / 11P
Dual rugged ultrafast rectifier diode, 20 A, 150 V
logo
ON Semiconductor
SS22FA ONSEMI-SS22FA Datasheet
145Kb / 6P
Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
May, 2020 ??Rev. 1
logo
Power Integrations, Inc...
LQA20T150C POWERINT-LQA20T150C Datasheet
550Kb / 8P
150 V, 20 A Common-Cathode Diode
Dec. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com