Electronic Components Datasheet Search
  English  ▼

X  

BYV32E-150 Datasheet (PDF) - NXP Semiconductors

BYV32E-150 Datasheet PDF - NXP Semiconductors
Part # BYV32E-150
Download  BYV32E-150 Download
File Size   143.58 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual rugged ultrafast rectifier diode, 20 A, 150 V

BYV32E-150 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYV32E-150 Datasheet PDF - NXP Semiconductors

Part # BYV32E-150
Download  BYV32E-150 Click to download

File Size   143.58 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual rugged ultrafast rectifier diode, 20 A, 150 V

BYV32E-150 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - BYV32E-150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32E-150 PHILIPS-BYV32E-150 Datasheet
52Kb / 7P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
logo
WeEn Semiconductors
BYV32E-150 WEEN-BYV32E-150 Datasheet
385Kb / 11P
Dual rugged ultrafast rectifier diode, 20 A, 150 V
logo
Inchange Semiconductor ...
BYV32E-150 ISC-BYV32E-150 Datasheet
349Kb / 2P
Ultrafast Rectifier Diode
logo
NXP Semiconductors
BYV32E-150 PHILIPS-BYV32E-150_15 Datasheet
143Kb / 9P
BYV32E-150
Rev. 04-2 March 2009
More results


Similar Description - BYV32E-150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32E-100 NXP-BYV32E-100 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
BYV32E-200 NXP-BYV32E-200 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 NXP-BYV32EB-200 Datasheet
141Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
BYQ28X-200 PHILIPS-BYQ28X-200_15 Datasheet
146Kb / 10P
Dual ultrafast rugged rectifier diode
Rev. 02-5 February 2009
BYV32E-100 PHILIPS-BYV32E-100_15 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
BYV32E-200 PHILIPS-BYV32E-200_15 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-100 WEEN-BYV32E-100 Datasheet
385Kb / 11P
Dual rugged ultrafast rectifier diode, 20 A, 100 V
BYV32E-150 WEEN-BYV32E-150 Datasheet
385Kb / 11P
Dual rugged ultrafast rectifier diode, 20 A, 150 V
BYV32E-200 WEEN-BYV32E-200 Datasheet
384Kb / 11P
Dual rugged ultrafast rectifier diode, 20 A, 200 V
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com