Electronic Components Datasheet Search
  English  ▼

X  

DIO74134 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO74134 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO74134
Download  DIO74134 Download
File Size   1319.24 Kbytes
Page   16 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1-Bit Unidirectional Voltage-Level Translator

DIO74134 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO74134 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO74134
Download  DIO74134 Click to download

File Size   1319.24 Kbytes
Page   16 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1-Bit Unidirectional Voltage-Level Translator

DIO74134 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO74134 Product details

Features
 Operating VCC Range : 1.08V to 3.6V
 Balanced Propagation Delays: tPLH = tPHL
(1.8V to 3.3V Translation Typical)
 Output Drive current: ±6mA at 3V
 Low Static-Power Consumption: Maximum of
20μA ICC
 Supports Partial Power-Down-Mode
Operation
 VCC Isolation Feature: If VCCA Input is at GND,
B Port Is in the High-Impedance state
 Input Hysteresis Allows Slow Input
Transition and Better Switching Noise
Immunity at Input
 Packaged in SC70-5, DFN1.45*1-6 and
DFN1*1-6
Applications
 Enterprise
 Industrial
 Personal Electronics
 Telecommunications
Descriptions
DIO74134 is a 1-bit level conversion device with
two independent configurable power rails. As a
uni-directional translator from A to B, the A port is
designed to track VCCA, and the B port is designed
to track VCCB. Both VCCA and VCCB accept a power
supply voltage of 1.08V to 3.6V. This allows for
low-voltage translation between 1.08V, 1.2V, 1.5V,
1.8V, 2.5V, and 3.3V Voltage nodes. Also DIO74134
is fully designated for partial power-off
applications using Ioff. The Ioff circuit disables the
output, preventing destructive current flow back
when the device is powered off.
The VCC isolation feature ensures that if VCCA
input is at GND, the B port is in the
high-impedance state. If VCCB input is at GND, any
input to the A side will not cause the leakage
current even floating.




Similar Part No. - DIO74134

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO7416 DIOO-DIO7416 Datasheet
1Mb / 23P
Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
Sep 2025
DIO7416CL8 DIOO-DIO7416CL8 Datasheet
1Mb / 23P
Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
Sep 2025
DIO7416LT8 DIOO-DIO7416LT8 Datasheet
1Mb / 23P
Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
Sep 2025
DIO7416TST8 DIOO-DIO7416TST8 Datasheet
1Mb / 23P
Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
Sep 2025
More results


Similar Description - DIO74134

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
ON Semiconductor
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
logo
Texas Instruments
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
1-Bit Unidirectional Voltage-Level Translator
SN74AVC2T244 TI1-SN74AVC2T244 Datasheet
604Kb / 12P
2-BIT UNDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
1-Bit Bidirectional Level-Shifting and Voltage Translator
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
SN74AUP1T34-Q1 TI1-SN74AUP1T34-Q1 Datasheet
831Kb / 18P
1-Bit Unidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com