Electronic Components Datasheet Search
  English  ▼

X  

DIO7416 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7416 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO7416
Download  DIO7416 Download
File Size   1747.99 Kbytes
Page   23 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Ultra-Low-Voltage I2C Translator with Rise Time Accelerators

DIO7416 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO7416 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO7416
Download  DIO7416 Click to download

File Size   1747.99 Kbytes
Page   23 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Ultra-Low-Voltage I2C Translator with Rise Time Accelerators

DIO7416 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7416 Product details

 Features
 Ultra-low-voltage I2C translator with rise time
accelerators
 Data rate (push-pull): 4 MHz
 Operating VCC range: 1.08 V to 3.6 V
 The frequency of SCL: 1 MHz (open-drain,
fast-mode plus)
 Low IOFF: 2.5 μA when either VCCA or VCCB = 0 V
 EN input can be tied directly to VCCA or controlled
by GPIO
 2-bit bidirectional translator for SDA and SCL
lines in I2C applications
 Provides bidirectional voltage translation with no
direction pin
 Internal 10 kΩ pull-up resistor on all SDA and
SCL pins are enabled based on respective VCC
voltage
 VCC isolation feature: if either VCC input is at GND,
both parts are high impedance
 Either VCCA or VCCB can be ramped first: No
power-supply sequencing required
 Operating temperature range: -40°C to 125°C
 Applications
 Wearables
 GPIO
 Personal electronics
 Description
With rising and falling edge accelerators, the
DIO7416 is a 2-bit bi-directional I2C voltage translator
with enable (EN) pin. Both VCCA and VCCB accept a
power supply voltage ranging from 1.08 V to 3.6 V.
This allows for low-voltage transmission among 1.2 V,
1.8 V, 2.5 V, and 3.3 V voltage nodes.
Each A port I/O pin of DIO7416 has an internal 10 kΩ
pull-up resistor to VCCA and each B port I/O pin has
an internal 10 kΩ pull-up resistor to VCCB. The
internal pull-up resistors are reverse biased protected,
so if the power is turned off, current cannot flow back
through the resistors to the power supply.
The enable pin (referenced to VCCA) is 3.6 V tolerant.
When the enable pin is high, DIO7416 can achieve
level conversion function. When the enable pin is low,
the DIO7416 enters shutdown mode. The pull-up
resistor is not controlled by the enable (EN) pin. As
long as the supply is above VUVLO, the pull-up resistor
on one side of it will be enabled.




Similar Part No. - DIO7416

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO74134 DIOO-DIO74134 Datasheet
1Mb / 16P
1-Bit Unidirectional Voltage-Level Translator
Rev 1.0
DIO74134QN6 DIOO-DIO74134QN6 Datasheet
1Mb / 16P
1-Bit Unidirectional Voltage-Level Translator
Rev 1.0
DIO74134SC5 DIOO-DIO74134SC5 Datasheet
1Mb / 16P
1-Bit Unidirectional Voltage-Level Translator
Rev 1.0
DIO74134TN6 DIOO-DIO74134TN6 Datasheet
1Mb / 16P
1-Bit Unidirectional Voltage-Level Translator
Rev 1.0
More results


Similar Description - DIO7416

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6540 PANASONIC-AN6540 Datasheet
27Kb / 3P
4-pin Voltage Regulator with Adjustable Rise Time
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
September 30, 2010
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
TCA9416 TI-TCA9416 Datasheet
1,009Kb / 24P
TCA9416 Ultra-Low-Voltage I2C Translator
TCA9416 TI-TCA9416_V01 Datasheet
1Mb / 28P
TCA9416 Ultra-Low-Voltage I2C Translator
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
TCA39416 TI-TCA39416 Datasheet
993Kb / 25P
TCA39416 Ultra-Low-Voltage I3C Translator with Rise Time Accelerators
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com