Electronic Components Datasheet Search
  English  ▼

X  

UCC27624 Datasheet (PDF) - Texas Instruments

UCC27624 Datasheet PDF - Texas Instruments
Part # UCC27624
Download  UCC27624 Download
File Size   4386.64 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC27624 30V, 5A, Dual-Channel, Low-Side Gate Driver with –10V Input Capability

UCC27624 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27624 Datasheet PDF - Texas Instruments

Part # UCC27624
Download  UCC27624 Click to download

File Size   4386.64 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC27624 30V, 5A, Dual-Channel, Low-Side Gate Driver with –10V Input Capability

UCC27624 Datasheet (HTML) - Texas Instruments


UCC27624 Product details

1 Features
• Typical 5A peak source and sink drive current for each channel
• Input and enable pins capable of handling –10V
• Output capable of handling –2V transients
• Absolute maximum VDD voltage: 30V
• Wide VDD operating range from 4.5V to 26V with UVLO
• Two independent gate drive channels
• Independent enable function for each output
• Hysteretic-logic thresholds for high noise immunity
• VDD independent input thresholds (TTL compatible)
• Fast propagation delays (17ns typical)
• Fast rise and fall times (6ns and 10ns typical)
• 1ns typical delay matching between the two channels
• Two channels can be paralleled for higher drive current
• SOIC8 PowerPAD™ and VSSOP8 PowerPAD™ package options
• Operating junction temperature range of –40°C to 150°C




Similar Part No. - UCC27624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27624 TI-UCC27624 Datasheet
2Mb / 33P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
MAY 2022
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624 TI-UCC27624 Datasheet
2Mb / 32P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
More results


Similar Description - UCC27624

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
UCC27518A-Q1 TI-UCC27518A-Q1_15 Datasheet
892Kb / 32P
Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27624 TI-UCC27624_V01 Datasheet
2Mb / 33P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624-Q1 TI-UCC27624-Q1 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
MAY 2022
UCC27624-Q1 TI-UCC27624-Q1_V01 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624-Q1 TI-UCC27624-Q1_V02 Datasheet
2Mb / 32P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624-Q1 TI-UCC27624-Q1_V03 Datasheet
2Mb / 35P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624 TI-UCC27624_V02 Datasheet
3Mb / 37P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with –10-V Input Capability
REVISED DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com