Electronic Components Datasheet Search
  English  ▼

X  

UCC27624 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
UCC27624 Datasheet PDF - Texas Instruments
Part # UCC27624
Download  UCC27624 Download
File Size   2508.72 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications

UCC27624 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27624 Datasheet PDF - Texas Instruments

Part # UCC27624
Download  UCC27624 Click to download

File Size   2508.72 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications

UCC27624 Datasheet (HTML) - Texas Instruments


UCC27624 Product details

1 Features
• Qualified for Automotive Applications
• AEC-Q100 Qualified
– Device Temperature Grade 1
– Device HBM ESD Classification Level H1C
– Device CDM ESD Classification Level C6
• Typical 5-A peak source and sink drive current for
each channel
• Input and enable pins capable of handling –10 V
• Output capable of handling –2-V transients
• Absolute maximum VDD voltage: 30 V
• Wide VDD operating range from 4.5 V to 26 V with
UVLO
• Hysteretic-logic thresholds for high noise immunity
• VDD independent input thresholds (TTL
compatible)
• Fast propagation delays (17-ns typical)
• Fast rise and fall times (6-ns and 10-ns typical)
• 1-ns typical delay matching between the two
channels
• Two channels can be paralleled for higher drive
current
• SOIC8 and VSSOP8 PowerPAD™ package
options
• Operating junction temperature range of –40°C to
150°C

2 Applications
• Automotive DC/DC Converters
• Switched-mode power supplies (SMPS)
• Power factor correction (PFC) circuits
• DC/DC converter
• Motor drives
• Solar power supplies
• Pulse transformer driver

3 Description
The UCC27624-Q1 is a dual-channel, high-speed,
low-side gate driver that effectively drives MOSFET,
IGBT, SiC, and GaN power switches. UCC27624-Q1
has a typical peak drive strength of 5 A, which
reduces rise and fall times of the power switches,
lowers switching losses, and increases efficiency.
The device's fast propagation delay (17-ns typical)
yields better power stage efficiency by improving the
deadtime optimization, pulse width utilization, control
loop response, and transient performance of the
system.
UCC27624-Q1 can handle –10 V at its inputs,
which improves robustness in systems with moderate
ground bouncing. The inputs are independent of
supply voltage and can be connected to most
controller outputs for maximum control flexibility. An
independent enable signal allows the power stage to
be controlled independently of main control logic. In
the event of a system fault, the gate driver can quickly
shut-off by pulling enable low. Many high-frequency
switching power supplies exhibit noise at the gate
of the power device, which can get injected into the
output pin on the gate driver and can cause the driver
to malfunction. The device's transient reverse current
and reverse voltage capability allow it to tolerate noise
on the gate of the power device or pulse-transformer
and avoid driver malfunction.
The UCC27624-Q1 also features undervoltage
lockout (UVLO) for improved system robustness.
When there is not enough bias voltage to fully
enhance the power device, the gate driver output is
held low by the strong internal pull down MOSFET.




Similar Part No. - UCC27624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27624 TI-UCC27624 Datasheet
2Mb / 33P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
MAY 2022
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624 TI-UCC27624 Datasheet
3Mb / 37P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with –10-V Input Capability
REVISED DECEMBER 2021
More results


Similar Description - UCC27624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27614 TI-UCC27614 Datasheet
2Mb / 36P
UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
NOVEMBER 2021
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27624 TI-UCC27624_V01 Datasheet
2Mb / 33P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624-Q1 TI-UCC27624-Q1 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
MAY 2022
UCC27624-Q1 TI-UCC27624-Q1_V01 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624-Q1 TI-UCC27624-Q1_V03 Datasheet
2Mb / 35P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624 TI-UCC27624_V02 Datasheet
3Mb / 37P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with –10-V Input Capability
REVISED DECEMBER 2021
UCC27444-Q1 TI-UCC27444-Q1 Datasheet
1Mb / 31P
UCC27444-Q1 20-V, 4-A Dual-Channel Low-Side Gate Driver with –5-V Input Capability For Automotive Applications
REVISED JULY 2023
UCC27444-Q1 TI-UCC27444-Q1_V01 Datasheet
2Mb / 36P
UCC27444-Q1 20-V, 4-A Dual-Channel Low-Side Gate Driver with –5-V Input Capability For Automotive Applications
REVISED JULY 2023
UCC27332-Q1 TI-UCC27332-Q1 Datasheet
1Mb / 30P
UCC27332-Q1 20-V, 9-A Single Channel Low Side Gate Driver with –5-V Input Capability For Automotive Application
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com