Electronic Components Datasheet Search
  English  ▼

X  

PDS4956 Datasheet (PDF) - Potens Semiconductor Corp.

PDS4956 Datasheet PDF - Potens Semiconductor Corp.
Part # PDS4956
Download  PDS4956 Download
File Size   430.66 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 40V N-Channel MOSFETs

PDS4956 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDS4956 Datasheet PDF - Potens Semiconductor Corp.

Part # PDS4956
Download  PDS4956 Click to download

File Size   430.66 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 40V N-Channel MOSFETs

PDS4956 Datasheet (HTML) - Potens Semiconductor Corp.


PDS4956 Product details

Features
- 40V,13A,RDS(ON) =12mΩ@VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available
- Power Tools

Applications
- Motor Drive
- LED Lighting




Similar Part No. - PDS4956

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDS4903 POTENS-PDS4903 Datasheet
438Kb / 5P
40V P-Channel MOSFETs
Ver.1.00
PDS4904 POTENS-PDS4904 Datasheet
844Kb / 5P
40V N-Channel MOSFETs
Ver.1.00
PDS4906 POTENS-PDS4906 Datasheet
1,002Kb / 5P
40V N-Channel MOSFETs
Ver.1.03
PDS4909 POTENS-PDS4909 Datasheet
757Kb / 5P
40V P-Channel MOSFETs
Ver.1.00
PDS4910 POTENS-PDS4910 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
Ver.1.01
More results


Similar Description - PDS4956

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSC49N60X BWTECH-MSC49N60X Datasheet
607Kb / 6P
40V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK4902DFN56 FS-FTK4902DFN56 Datasheet
801Kb / 5P
40V N-Channel MOSFETs
FTK4904D FS-FTK4904D Datasheet
957Kb / 5P
40V N-Channel MOSFETs
FTK4906D FS-FTK4906D Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4912D FS-FTK4912D Datasheet
870Kb / 5P
40V N-Channel MOSFETs
FTK4906DFN56 FS-FTK4906DFN56 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4910 FS-FTK4910 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4960DFN56 FS-FTK4960DFN56 Datasheet
983Kb / 5P
40V N-Channel MOSFETs
FTK4960P FS-FTK4960P Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4970P FS-FTK4970P Datasheet
1Mb / 5P
40V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com