Electronic Components Datasheet Search
  English  ▼

X  

PDN0953S Datasheet (PDF) - Potens Semiconductor Corp.

PDN0953S Datasheet PDF - Potens Semiconductor Corp.
Part # PDN0953S
Download  PDN0953S Download
File Size   1316.84 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 100V P-Channel MOSFETs

PDN0953S Datasheet (PDF)

Go To PDF Page Download Datasheet
PDN0953S Datasheet PDF - Potens Semiconductor Corp.

Part # PDN0953S
Download  PDN0953S Click to download

File Size   1316.84 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 100V P-Channel MOSFETs

PDN0953S Datasheet (HTML) - Potens Semiconductor Corp.


PDN0953S Product details

Features
- -100V,-840mA , RDS(ON)=650mΩ@VGS=-10V
- Improved dv/dt capability
- Fast switching
- Green Device Available

Applications
- Networking
- Load Switch
- LED applications




Similar Part No. - PDN0953S

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDN0954S POTENS-PDN0954S Datasheet
749Kb / 5P
100V N-Channel MOSFETs
Ver.1.00
More results


Similar Description - PDN0953S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
July 1999
IRFR9110 INTERSIL-IRFR9110 Datasheet
62Kb / 7P
3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
July 1999
IRFR9120 INTERSIL-IRFR9120 Datasheet
73Kb / 7P
5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs
July 1999
logo
First Silicon Co., Ltd
FTK0903P FS-FTK0903P Datasheet
972Kb / 5P
-100V P-Channel MOSFETs
FTK0905 FS-FTK0905 Datasheet
997Kb / 5P
100V P-Channel MOSFETs
FTK0906T FS-FTK0906T Datasheet
1,010Kb / 5P
100V N-Channel MOSFETs
FTK0959D FS-FTK0959D Datasheet
828Kb / 5P
100V P-Channel MOSFETs
FTK0970P FS-FTK0970P Datasheet
998Kb / 5P
100V N-Channel MOSFETs
FTK0976DFN56 FS-FTK0976DFN56 Datasheet
1Mb / 5P
100V P-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com