Electronic Components Datasheet Search
  English  ▼

X  

IRFR9120 Datasheet (PDF) - Intersil Corporation

IRFR9120 Datasheet PDF - Intersil Corporation
Part # IRFR9120
Download  IRFR9120 Download
File Size   73.44 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs

IRFR9120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR9120 Datasheet PDF - Intersil Corporation

Part # IRFR9120
Download  IRFR9120 Click to download

File Size   73.44 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs

IRFR9120 Datasheet (HTML) - Intersil Corporation


IRFR9120 Product details

These advanced power MOSFETs are designed, tested, and guaranteed to withstand a specific level of energy in the avalanche breakdown mode of operation. They are P-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate-drive power. They can be operated directly from integrated circuits.

Features
• 5.6A, 100V
• rDS(ON) = 0.600Ω
• Temperature Compensating PSPICE™ Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - IRFR9120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
logo
Vishay Siliconix
IRFR9120 VISHAY-IRFR9120 Datasheet
1Mb / 8P
Power MOSFET
17-Jun-08
logo
Kersemi Electronic Co.,...
IRFR9120 KERSEMI-IRFR9120 Datasheet
4Mb / 7P
Power MOSFET
IRFR9120 KERSEMI-IRFR9120 Datasheet
4Mb / 7P
Power MOSFET
IRFR9120 KERSEMI-IRFR9120 Datasheet
3Mb / 7P
Power MOSFET
More results


Similar Description - IRFR9120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150D INTERSIL-FRK9150D Datasheet
48Kb / 6P
26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
IRF510 INTERSIL-IRF510 Datasheet
70Kb / 7P
5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET
November 1999
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
July 1999
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
July 1999
IRFR9110 INTERSIL-IRFR9110 Datasheet
62Kb / 7P
3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
July 1999
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
-6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
October 1999
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com