Electronic Components Datasheet Search
  English  ▼

X  

1211A Datasheet (PDF) - AEL Crystals Ltd

1211A Datasheet PDF - AEL Crystals Ltd
Part # 1211A
Download  1211A Download
File Size   104.11 Kbytes
Page   1 Pages
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd
Description Crystal Oscillator 8-Pin DIL UNIVERSAL O/P With Tri-State(Hcmos & TTL) 40kHz to 150MHz

1211A Datasheet (PDF)

Go To PDF Page Download Datasheet
1211A Datasheet PDF - AEL Crystals Ltd

Part # 1211A
Download  1211A Click to download

File Size   104.11 Kbytes
Page   1 Pages
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd
Description Crystal Oscillator 8-Pin DIL UNIVERSAL O/P With Tri-State(Hcmos & TTL) 40kHz to 150MHz

1211A Datasheet (HTML) - AEL Crystals Ltd




Similar Part No. - 1211A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1211A BELDEN-1211A Datasheet
150Kb / 2P
Instrument Medical Interconnect, #26-4c, TC, PVC, O/A Foil, PVC Jkt, CL2X
01-20-2023
1211A-0101000 BELDEN-1211A-0101000 Datasheet
150Kb / 2P
Instrument Medical Interconnect, #26-4c, TC, PVC, O/A Foil, PVC Jkt, CL2X
01-20-2023
1211A-010500 BELDEN-1211A-010500 Datasheet
150Kb / 2P
Instrument Medical Interconnect, #26-4c, TC, PVC, O/A Foil, PVC Jkt, CL2X
01-20-2023
More results


Similar Description - 1211A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC158 ETC-HC158 Datasheet
52Kb / 1P
8 PIN DIP HCMOS WITH TRI - STATE
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
Connor-Winfield Corpora...
JHC13R8R CONNOR-WINFIELD-JHC13R8R Datasheet
69Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
H61RA CONNOR-WINFIELD-H61RA Datasheet
64Kb / 1P
8 PIN DIP HCMOS WITH TRI-STATE
H524RA CONNOR-WINFIELD-H524RA Datasheet
56Kb / 1P
8 PIN DIP HCMOS WITH TRI-STATE
HC17R5R CONNOR-WINFIELD-HC17R5R Datasheet
62Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC54R8R CONNOR-WINFIELD-HC54R8R Datasheet
83Kb / 2P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC62R8R CONNOR-WINFIELD-HC62R8R Datasheet
64Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC145R CONNOR-WINFIELD-HC145R Datasheet
59Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
JHC15R8RC CONNOR-WINFIELD-JHC15R8RC Datasheet
65Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com