Electronic Components Datasheet Search
  English  ▼

X  

1211A Datasheet (PDF) - Belden Inc.

1211A Datasheet PDF - Belden Inc.
Part # 1211A
Download  1211A Download
File Size   150.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Instrument Medical Interconnect, #26-4c, TC, PVC, O/A Foil, PVC Jkt, CL2X

1211A Datasheet (PDF)

Go To PDF Page Download Datasheet
1211A Datasheet PDF - Belden Inc.

Part # 1211A
Download  1211A Click to download

File Size   150.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Instrument Medical Interconnect, #26-4c, TC, PVC, O/A Foil, PVC Jkt, CL2X

1211A Datasheet (HTML) - Belden Inc.


1211A Product details

Product Description
Computer, Instrument & Medical Interconnect, 26 AWG stranded (7x34) tinned copper conductors, PVC insulation, Duofoil® shield (100% coverage), 26 AWG
stranded tinned copper drain wire, PVC jacket.




Similar Part No. - 1211A

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
1211A AEL-1211A Datasheet
104Kb / 1P
Crystal Oscillator 8-Pin DIL UNIVERSAL O/P With Tri-State(Hcmos & TTL) 40kHz to 150MHz
25.04.00 Issue Number 5
More results


Similar Description - 1211A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9534 BELDEN-9534 Datasheet
251Kb / 2P
RS-232, #24-4c, SR-PVC, O/A Foil, PVC Jkt, CMG
9302 BELDEN-9302 Datasheet
142Kb / 2P
Audio, Control & Instrument, #22-2pr, PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9305 BELDEN-9305 Datasheet
146Kb / 2P
Audio, Control & Instrument, #22-4pr, PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9309 BELDEN-9309 Datasheet
154Kb / 2P
Audio, Control & Instrument, #22-9pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9315 BELDEN-9315 Datasheet
156Kb / 3P
Audio, Control & Instrument, #22-15pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9319 BELDEN-9319 Datasheet
152Kb / 2P
Audio, Control & Instrument, #22-19pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
1212A BELDEN-1212A Datasheet
142Kb / 2P
Instrument Medical Interconnect, #26-6c, TC, PVC, O/A Foil, PVC Jkt, CL2X
05-05-2023
1213A BELDEN-1213A Datasheet
151Kb / 2P
Instrument Medical Interconnect, #26-8c, TC, PVC, O/A Foil, PVC Jkt, CL2X
01-20-2023
1214A BELDEN-1214A Datasheet
141Kb / 2P
Instrument Medical Interconnect, #26-16c, TC, PVC, O/A Foil, PVC Jkt, CL2X
05-05-2023
9609 BELDEN-9609 Datasheet
160Kb / 2P
RS232, #24-4c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com