Electronic Components Datasheet Search
  English  ▼

X  

PP000023 Datasheet (PDF) - Multicomp Pro

PP000023 Datasheet PDF - Multicomp Pro
Part # PP000023
Download  PP000023 Download
File Size   147.1 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Defence Standard/BS4808 0.5mm2 (16/0.2mm) PVC Equipment Wires - 100m Reel

PP000023 Datasheet (PDF)

Go To PDF Page Download Datasheet
PP000023 Datasheet PDF - Multicomp Pro

Part # PP000023
Download  PP000023 Click to download

File Size   147.1 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Defence Standard/BS4808 0.5mm2 (16/0.2mm) PVC Equipment Wires - 100m Reel

PP000023 Datasheet (HTML) - Multicomp Pro


PP000023 Product details

Product Description
Reference Standard
BS 4808 Part 2 Class 3 & Def Stan 61-12 (Pt6) Type 3
Multi-construction 1
Cable Construction
Conductor Material : Tinned Copper
Conductor Area CSA : 0.5mm2
Construction : T0.2 ±0.008 × 16
Standard Dia.(mm) : 0.92
Jacket : PVC
Jacket Thickness : 0.6
Jacket Dia.(±0.1mm) : 2.20
*Jacket Colour : See table below
Electrical Characteristics
Max. Conductor DC Resistance at 20°C(Ω/km) : <37.7
Min. Insulation DC Resistance at 20°C(MΩ×km) : 200
Rated Temperature : -25°C to +85°C
Rated Voltage (V) : 1,500
Flame Performance : UL 1581 VW-1
IEC 60332-1




Similar Part No. - PP000023

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PP000026 MULTICOMP-PP000026 Datasheet
175Kb / 2P
Defence Standard/BS4808 0.75mm2 (24/0.2mm) PVC Equipment Wire
V1.0 07/04/20
PP000027 MULTICOMP-PP000027 Datasheet
175Kb / 2P
Defence Standard/BS4808 0.75mm2 (24/0.2mm) PVC Equipment Wire
V1.0 07/04/20
PP000028 MULTICOMP-PP000028 Datasheet
175Kb / 2P
Defence Standard/BS4808 0.75mm2 (24/0.2mm) PVC Equipment Wire
V1.0 07/04/20
PP000029 MULTICOMP-PP000029 Datasheet
175Kb / 2P
Defence Standard/BS4808 0.75mm2 (24/0.2mm) PVC Equipment Wire
V1.0 07/04/20
More results


Similar Description - PP000023

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P12PT ROHM-SML-P12PT Datasheet
125Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
logo
Molex Electronics Ltd.
1300900018 MOLEX11-1300900018 Datasheet
33Kb / 2P
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m
1300900019 MOLEX11-1300900019 Datasheet
36Kb / 2P
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 10.67m
1300910020 MOLEX11-1300910020 Datasheet
36Kb / 2P
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
1300910021 MOLEX11-1300910021 Datasheet
36Kb / 2P
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
1300910023 MOLEX11-1300910023 Datasheet
36Kb / 2P
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
logo
Power System Technology
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
Naval defence
FAB0410018 PST-FAB0410018 Datasheet
231Kb / 4P
Defence
logo
List of Unclassifed Man...
E0508 ETC1-E0508 Datasheet
91Kb / 1P
Cable Ferrule - Insulated 0.5mm2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com