Electronic Components Datasheet Search
  English  ▼

X  

PP000029 Datasheet (PDF) - Multicomp Pro

PP000029 Datasheet PDF - Multicomp Pro
Part # PP000029
Download  PP000029 Download
File Size   175.26 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Defence Standard/BS4808 0.75mm2 (24/0.2mm) PVC Equipment Wire

PP000029 Datasheet (PDF)

Go To PDF Page Download Datasheet
PP000029 Datasheet PDF - Multicomp Pro

Part # PP000029
Download  PP000029 Click to download

File Size   175.26 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Defence Standard/BS4808 0.75mm2 (24/0.2mm) PVC Equipment Wire

PP000029 Datasheet (HTML) - Multicomp Pro


PP000029 Product details

Product Description
Reference Standard
BS 4808 Part 2 Class 2 & Def Stan 61-12 (Pt6) Type 2
Multi-construction 1
Cable Construction
Conductor Material : Tinned Copper
Conductor Area CSA : 0.75mm2
Construction : T0.2 ±0.008 × 24
Standard Dia.(mm) : 1.13
Jacket Material : PVC
Jacket Thickness : 0.45
Jacket Dia.(±0.1mm) : 2 +0.15/-0.1
*Jacket Colour : See table below
Electrical Characteristics
Max. Conductor DC Resistance at 20°C(Ω/km) : <25.2
Min. Insulation DC Resistance at 20°C(MΩ×km) : 200
Rated Temperature : -25°C to +85°C
Rated Voltage (V) : 1,000
Flame Performance : UL 1581 VW-1
IEC 60332-1




Similar Part No. - PP000029

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PP000020 MULTICOMP-PP000020 Datasheet
147Kb / 1P
Defence Standard/BS4808 0.5mm2 (16/0.2mm) PVC Equipment Wires - 100m Reel
V1.0 22/04/20
PP000021 MULTICOMP-PP000021 Datasheet
147Kb / 1P
Defence Standard/BS4808 0.5mm2 (16/0.2mm) PVC Equipment Wires - 100m Reel
V1.0 22/04/20
PP000022 MULTICOMP-PP000022 Datasheet
147Kb / 1P
Defence Standard/BS4808 0.5mm2 (16/0.2mm) PVC Equipment Wires - 100m Reel
V1.0 22/04/20
PP000023 MULTICOMP-PP000023 Datasheet
147Kb / 1P
Defence Standard/BS4808 0.5mm2 (16/0.2mm) PVC Equipment Wires - 100m Reel
V1.0 22/04/20
PP000024 MULTICOMP-PP000024 Datasheet
147Kb / 1P
Defence Standard/BS4808 0.5mm2 (16/0.2mm) PVC Equipment Wires - 100m Reel
V1.0 22/04/20
More results


Similar Description - PP000029

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P12PT ROHM-SML-P12PT Datasheet
125Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
logo
Tensility International...
30-00005 TENSILITY-30-00005 Datasheet
386Kb / 2P
Wire, 2C, 24 AWG, 300V, 80C, 3.7 mm, shielded, PVC, 65P
30-00006 TENSILITY-30-00006 Datasheet
353Kb / 2P
Wire, 3C, 24 AWG, 300V, 80C, 3.4 mm, PVC, 65P
logo
General Cable Technolog...
C7600A GENERAL-C7600A Datasheet
72Kb / 1P
1C #24 7/32 TC PVC HOOK UP WIRE
logo
List of Unclassifed Man...
PP001185 ETC2-PP001185 Datasheet
445Kb / 9P
Tri-Rated Flexible PVC Equipment Wire
logo
Power System Technology
FAB0203013 PST-FAB0203013 Datasheet
208Kb / 3P
Defence : Missile launcher simulator
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
Naval defence
FAB0410018 PST-FAB0410018 Datasheet
231Kb / 4P
Defence
logo
ETAL Group
483-G ETAL-483-G Datasheet
308Kb / 4P
Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com