Electronic Components Datasheet Search
  English  ▼

X  

TPS628501 Datasheet (PDF) - Texas Instruments

TPS628501 Datasheet PDF - Texas Instruments
Part # TPS628501
Download  TPS628501 Download
File Size   2977.92 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS62850x-Q1 2.7V to 6V, 1A, 2A, 3A, Automotive, Step-Down Converters in an SOT583 Package

TPS628501 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS628501 Datasheet PDF - Texas Instruments

Part # TPS628501
Download  TPS628501 Click to download

File Size   2977.92 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS62850x-Q1 2.7V to 6V, 1A, 2A, 3A, Automotive, Step-Down Converters in an SOT583 Package

TPS628501 Datasheet (HTML) - Texas Instruments


TPS628501 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1:
–40°C to +125°C TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Optimized for low EMI requirements
– Optional pseudo-random spread spectrum
reduces peak emissions
• TJ = –40°C to +150°C
• Family of 1A and 2A (continuous) and 3A (peak)
converters
• Input voltage range: 2.7V to 6V
• Quiescent current: 17μA typical
• Output voltage from 0.6V to 5.5V
• Output voltage accuracy ±1% (PWM operation)
• Forced PWM or PWM/PFM operation
• Adjustable switching frequency:
1.8MHz to 4MHz
• Precise ENABLE input allows:
– User-defined undervoltage lockout
– Exact sequencing
• 100% duty cycle mode
• Active output discharge
• Foldback overcurrent protection – optional
• Power-good output with window comparator

2 Applications
• ADAS camera, ADAS sensor fusion
• Surround view ECU
• Hybrid and reconfigurable cluster
• Head unit, telematics control unit
• External amplifier

3 Description
The TPS62850x-Q1 is a family of pin-to-pin 1A,
2A (continuous), and 3A (peak) high efficiency, easyto-
use synchronous step-down DC/DC converters.
These devices are based on a peak current mode
control topology. These devices are designed for
automotive applications such as infotainment and
advanced driver assistance systems. Low resistive
switches allow up to 2A continuous output current and
3A peak current. In the TPS62850x-Q1, the switching
frequency is externally adjustable from 1.8MHz to
4MHz. The devices can also be synchronized to
an external clock in the same frequency range. In
PWM/PFM mode, the devices automatically enter
power save mode at light loads to maintain high
efficiency across the whole load range. The family
provides a 1% output voltage accuracy in PWM mode
which helps design a power supply with high output
voltage accuracy.
The TPS62850x-Q1 are available in an SOT583
package.




Similar Part No. - TPS628501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A Step-Down Converter in SOT583 Package
MARCH 2021
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
OCTOBER 2021
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
OCTOBER 2021
TPS628501 TI-TPS628501 Datasheet
2Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
TPS628501 TI1-TPS628501 Datasheet
2Mb / 43P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
REVISED JULY 2023
More results


Similar Description - TPS628501

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM38111 MPS-MPM38111 Datasheet
1Mb / 16P
Dual 1A, 2.7V-6V, Power Module, Synchronous, Step-Down Converter with Integrated Inductors
MPM38222 MPS-MPM38222 Datasheet
1Mb / 18P
Dual 2A, 2.7V-6V, Power Module, Synchronous, Step-Down Converter with Integrated Inductors
logo
Texas Instruments
TPS628501-Q1 TI1-TPS628501-Q1 Datasheet
1Mb / 34P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A Automotive Step-Down Converter in SOT583 Package
TPS628501-Q1 TI-TPS628501-Q1_V01 Datasheet
2Mb / 34P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A Automotive Step-Down Converter in SOT583 Package
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A Step-Down Converter in SOT583 Package
MARCH 2021
TPS628501-Q1 TI-TPS628501-Q1_V02 Datasheet
3Mb / 40P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
OCTOBER 2021
TPS628501-Q1 TI-TPS628501-Q1_V03 Datasheet
3Mb / 40P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
OCTOBER 2021
TPS628501 TI-TPS628501_V01 Datasheet
2Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
logo
Monolithic Power System...
MP2338 MPS-MP2338 Datasheet
1Mb / 25P
High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
Rev. 1.0 12.11.2020
logo
Texas Instruments
TPS628501-Q1 TI1-TPS628501-Q1_V04 Datasheet
2Mb / 43P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com