Electronic Components Datasheet Search
  English  ▼

X  

TPS628501 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS628501 Datasheet PDF - Texas Instruments
Part # TPS628501
Download  TPS628501 Download
File Size   2877.61 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package

TPS628501 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS628501 Datasheet PDF - Texas Instruments

Part # TPS628501
Download  TPS628501 Click to download

File Size   2877.61 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package

TPS628501 Datasheet (HTML) - Texas Instruments


TPS628501 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Input voltage range: 2.7 V to 6 V
• Output voltage from 0.6 V to 5.5 V
• 1% feedback voltage accuracy
(full temperature range)
• TJ = –40°C to +150°C
• Family of 1-A, 2-A (continuous), and 3-A (peak)
devices
• Adjustable switching frequency and sync of
1.8 MHz to 4 MHz
• Forced PWM or PWM and PFM operation
• Quiescent current 17 μA (typical)
• Precise ENABLE input allows:
– User-defined undervoltage lockout
– Exact sequencing
• 100% duty cycle mode
• Active output discharge
• Power-good output with window comparator
• For device options with adjustable soft start, see
the TPS628511

2 Applications
• Motor drives
• Factory automation and control
• Building automation
• Test and measurement
• General purpose POL

3 Description
The TPS62850x is a family of pin-to-pin 1-A, 2-A
(continuous), and 3-A (peak) high efficiency, easyto-
use synchronous step-down DC/DC converters.
They are based on a peak current mode control
topology. Low resistive switches allow up to 2-A
continuous output current and 3-A peak current. The
switching frequency is externally adjustable from 1.8
MHz to 4 MHz and can also be synchronized to
an external clock in the same frequency range. In
PWM and PFM mode, the TPS62850x automatically
enters power save mode at light loads to maintain
high efficiency across the whole load range. The
TPS62850x provides a 1% output voltage accuracy
in PWM mode, which helps design a power supply
with high output voltage accuracy, fulfilling tight supply
voltage requirements of digital processors and FPGA.
The TPS62850x is available in an 8-pin 1.60-mm ×
2.10-mm SOT583 package.




Similar Part No. - TPS628501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A Step-Down Converter in SOT583 Package
MARCH 2021
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
OCTOBER 2021
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
OCTOBER 2021
TPS628501 TI1-TPS628501 Datasheet
2Mb / 43P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
REVISED JULY 2023
TPS628501 TI1-TPS628501 Datasheet
2Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
More results


Similar Description - TPS628501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS628501-Q1 TI1-TPS628501-Q1 Datasheet
1Mb / 34P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A Automotive Step-Down Converter in SOT583 Package
TPS628510 TI-TPS628510 Datasheet
2Mb / 36P
TPS62851x 2.7-V to 6-V, 0.5-A / 1-A / 2-A Step-Down Converter in SOT583 Package
TPS628501-Q1 TI-TPS628501-Q1_V01 Datasheet
2Mb / 34P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A Automotive Step-Down Converter in SOT583 Package
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A Step-Down Converter in SOT583 Package
MARCH 2021
TPS628501-Q1 TI-TPS628501-Q1_V02 Datasheet
3Mb / 40P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
OCTOBER 2021
TPS628501-Q1 TI-TPS628501-Q1_V03 Datasheet
3Mb / 40P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
OCTOBER 2021
TPS62933 TI-TPS62933_V02 Datasheet
4Mb / 48P
TPS6293x 3.8-V to 30-V, 3-A/2-A Synchronous Buck Converter in a SOT583 Package
FEBRUARY 2022
TPS628510 TI-TPS628510_V01 Datasheet
2Mb / 39P
TPS62851x 2.7-V to 6-V, 0.5-A, 1-A, 2-A, and 3-A Step-Down Converters in a SOT583 Package
REVISED JUNE 2022
TPS628501-Q1 TI1-TPS628501-Q1_V04 Datasheet
2Mb / 43P
TPS62850x-Q1 2.7-V to 6-V, 1-A / 2-A / 3-A Automotive Step-Down Converter in SOT583 Package
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com