Electronic Components Datasheet Search
  English  ▼

X  

TPS65400 Datasheet (PDF) - Texas Instruments

TPS65400 Datasheet PDF - Texas Instruments
Part # TPS65400
Download  TPS65400 Download
File Size   2943.77 Kbytes
Page   79 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface

TPS65400 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65400 Datasheet PDF - Texas Instruments

Part # TPS65400
Download  TPS65400 Click to download

File Size   2943.77 Kbytes
Page   79 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface

TPS65400 Datasheet (HTML) - Texas Instruments


TPS65400 Product details

1 Features
• Efficiency up to 95% for each switching regulator
• Switching regulator specifications:
– Input voltage range: 4.5 to 18 V
– VOUT range: 0.6 V-90%VIN
– SW1, SW2 IOUT: 4-A max
– SW3, SW4 IOUT: 2-A max
• Prebias start-up algorithm minimizes voltage dip
during start-up
• Internal undervoltage lockout (UVLO), overcurrent
protection (OCP), overvoltage protection (OVP),
and overtemperature protection (OTP)
• AECQ-100 grade 1 option
• Thermally enhanced 7-mm × 7-mm 48-pin, 0.5-mm
pitch VQFN package
• Pin accessible features:
– Adjustable VOUT with external feedback
resistors
– Sequencing control through precision enable
pins for each switcher
– Resistor adjustable PWM switching frequency
from 275 kHz to 2.2 MHz
– Clock sync input and clock output
– Soft-start delay through external capacitor
– Current sharing between SW1 and SW2 and
between SW3 and SW4 allows support of
higher current needs if required
• PMBus runtime control and status
– Runtime voltage positioning through adjustment
of VREF
– Enable and disable of each switcher
– Fault and status monitoring
• User-configurable PMBus/I2C options, saved in
EEPROM
– Power supply turn-on and turn-off sequencing
– Sequencing can be based on fixed time delays
or PGOOD dependence
– Initial voltage positioning through VREF
configuration
– PWM frequency adjustment for each switcher
– Individual PWM phase alignment for each
switcher to minimize ripple and capacitor size
– Adjustable current limit on each regulator
enables size and cost optimization of inductors
– Soft-start time

2 Applications
• Small cellular base stations (BTS) (for example:
picocells and microcells); macro BTS (using
multiple PMUs)
• Power over ethernet (PoE) powered
communications infrastructure equipment
• Automotive infotainment and telematics
• Powering DSP and MCUs
• Industrial and factory automation
• Systems requiring small form factor, highefficiency,
high-ambient operating temperature,
and flexible power management

3 Description
The TPS65400 is an integrated PMU optimized for
applications requiring small form factor and high
power conversion efficiency, enabling small spaceconstrained
equipment with high ambient operating
temperature without cooling. The device provides
high-power efficiency at a system level by enabling
a single stage conversion from an intermediate
distribution bus with an optimized combination of
regulators.




Similar Part No. - TPS65400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65400 TI-TPS65400 Datasheet
1Mb / 75P
TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400 TI-TPS65400 Datasheet
1Mb / 76P
TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1 Datasheet
1Mb / 75P
TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1 Datasheet
1Mb / 76P
TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
More results


Similar Description - TPS65400

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
logo
Texas Instruments
TPS65400 TI-TPS65400_15 Datasheet
1Mb / 76P
TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
logo
Vishay Siliconix
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck® DC/DC Converter With PMBus Interface
08-Mar-2021
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
Flexible Power Management Unit
V 2.8 2022-07-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com