Electronic Components Datasheet Search
  English  ▼

X  

IRPS5401 Datasheet (PDF) - Infineon Technologies AG

IRPS5401 Datasheet PDF - Infineon Technologies AG
Part # IRPS5401
Download  IRPS5401 Download
File Size   1678.6 Kbytes
Page   62 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Flexible Power Management Unit

IRPS5401 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRPS5401 Datasheet PDF - Infineon Technologies AG

Part # IRPS5401
Download  IRPS5401 Click to download

File Size   1678.6 Kbytes
Page   62 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Flexible Power Management Unit

IRPS5401 Datasheet (HTML) - Infineon Technologies AG


IRPS5401 Product details

Features
 Full power system including 5 integrated outputs
 4A, 4A, 2A and 2A Switching Regulators
 500mA Source/Sink Linear regulator
 Single rail operation 5.5V to 12V
 Output Range from 0.25V to 5.1V for outputs A-D and 0.5V to 3.6V for LDO
 Allows combining outputs and/or the use of an external IR MOSFET™ Power Stage to increase output
current to as high as 50A
 Emulated current mode control without external compensation
 Differential voltage sensing on Switcher A for higher accuracy
 I2C / PMBus with integrated level shifter
 Advanced Sequencing control
 Extensive PMBus command set of 74 commands
 Integrated current sensing and full telemetry including voltage, current, temperature and faults
 Rated for -40°C to +125°C TJ operation
 Pb-Free, RoHS6, 7x7mm, 56-pin, 0.4mm pitch QFN

Potential applications
 High density ASIC, FPGA & CPU multi-rail systems
 Embedded Computing systems
 Communications and Storage systems

Description
The IRPS5401 is a complete power management unit delivering up to 5 output voltages to processors, FPGA’s
and other multi-rail power systems. Four high efficiency configurable switching regulators and a Source/Sink
Linear regulator provide the typical rails required such as core voltage, memory voltage and I/O voltages.
Integrated, accurate current, voltage and temperature sensing allows telemetry and fault reporting through the
I2C/PMBus.
The IRPS5401 switching regulators utilize fixed frequency emulated current mode control, and thus no external
compensation is required.
The IRPS5401 is highly flexible. Switchers A and B deliver 2A each. Switchers C and D, deliver 4A each and can
also be combined to deliver 8A. Further, Switcher A can be configured to use an external IR MOSFET™ Power
Stage to deliver up to 50A or more.




Similar Part No. - IRPS5401

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
IRPS RADIOMETRIX-IRPS Datasheet
97Kb / 3P
Infra Red reflective proximity sensor
More results


Similar Description - IRPS5401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
Advanced Power Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
Power Management Unit
logo
Texas Instruments
TPS658310 TI1-TPS658310 Datasheet
141Kb / 6P
Power Management Unit
logo
Synaptics Incorporated.
CX20703 CONEXANT-CX20703 Datasheet
260Kb / 2P
Flexible power management
CX20704 CONEXANT-CX20704 Datasheet
647Kb / 2P
Flexible power management
CX20707 CONEXANT-CX20707 Datasheet
651Kb / 2P
Flexible power management
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
logo
Texas Instruments
LM26484 TI1-LM26484_13 Datasheet
2Mb / 25P
LM26484 Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
Advanced Power Management Unit
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com