Electronic Components Datasheet Search
  English  ▼

X  

TPS65070RSLR Datasheet (PDF) - Texas Instruments

TPS65070RSLR Datasheet PDF - Texas Instruments
Part # TPS65070RSLR
Download  TPS65070RSLR Download
File Size   2136.02 Kbytes
Page   100 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65070x Power Management IC (PMIC) With Battery Charger, 3 Step-Down Converters, and 2 LDOs

TPS65070RSLR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65070RSLR Datasheet PDF - Texas Instruments

Part # TPS65070RSLR
Download  TPS65070RSLR Click to download

File Size   2136.02 Kbytes
Page   100 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65070x Power Management IC (PMIC) With Battery Charger, 3 Step-Down Converters, and 2 LDOs

TPS65070RSLR Datasheet (HTML) - Texas Instruments


TPS65070RSLR Product details

1 Features
1• Charger/Power Path Management:
– 2-A Output Current on the Power Path
– Linear Charger; 1.5-A Maximum Charge
Current
– 100-mA/500-mA/800-mA/1300-mA Current
Limit From USB Input
– Thermal Regulation, Safety Timers
– Temperature Sense Input
• 3 Step-Down Converters:
– 2.25-MHz Fixed-Frequency Operation
– Up to 1.5 A of Output Current
– Adjustable or Fixed Output Voltage
– VIN Range From 2.8 V to 6.3 V
– Power Save Mode at Light Load Current
– Output Voltage Accuracy in PWM Mode ±1.5%
– Typical 19-μA Quiescent Current per
Converter
– 100% Duty Cycle for Lowest Dropout
• LDOs:
– Fixed Output Voltage
– Dynamic Voltage Scaling on LDO2
– 20-μA Quiescent Current
– 200-mA Maximum Output Current
– VIN Range From 1.8 V to 6.3 V
• wLED Boost Converter:
– Internal Dimming Using I2C
– Up to 2 × 10 LEDs
– Up to 25 mA per String With Internal Current
Sink
• I2C Interface
• 10 Bit A/D Converter
• Touch Screen Interface
• Undervoltage Lockout and Battery Fault
Comparator

2 Applications
• Portable Navigation Systems
• PDAs, Pocket PCs
• OMAP™ and Low Power DSP Supplies

3 Description
The TPS6507x family of devices are single-chip
power management ICs (PMICs) for portable
applications consisting of a battery charger with
power path management for a single Li-Ion or Li-
Polymer cell. The charger can either be supplied by a
USB port on pin USB or by a DC voltage from a wall
adapter connected to pin AC. Three highly efficient
2.25-MHz step-down converters are targeted at
providing the core voltage, memory, and I/O voltage
in a processor-based system. The step-down
converters enter a low power mode at light load for
maximum efficiency across the widest possible range
of load currents.




Similar Part No. - TPS65070RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 89P
Single Chip Power Solution for Navigation Systems
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 90P
Single Chip Power Solution for Battery Powered Systems
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 93P
Single Chip Power Solution for Battery Powered Systems
TPS65070RSLR TI1-TPS65070RSLR Datasheet
2Mb / 98P
Single Chip Power Solution for Battery Powered Systems
More results


Similar Description - TPS65070RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
logo
Maxim Integrated Produc...
MAX16920 MAXIM-MAX16920 Datasheet
3Mb / 20P
Automotive Power-Management IC with Three Step-Down Converters and Linear Regulator
Rev 1; 8/11
logo
Texas Instruments
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
logo
Richtek Technology Corp...
RT9511 RICHTEK-RT9511 Datasheet
525Kb / 24P
Fully Integrated Battery Charger with Two Step-Down Converters
logo
Texas Instruments
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6521905 TI1-TPS6521905 Datasheet
4Mb / 164P
User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
JUNE 2023
TPS6521905-Q1 TI-TPS6521905-Q1 Datasheet
2Mb / 155P
Automotive User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
SEPTEMBER 2023
TPS6522005-EP TI1-TPS6522005-EP Datasheet
3Mb / 164P
TPS6522005-EP User Programmable Power Management IC (PMIC) with Three Stepdown DC/DC Converters and Four LDOs
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com