Electronic Components Datasheet Search
  English  ▼

X  

MAX16920 Datasheet (PDF) - Maxim Integrated Products

MAX16920 Datasheet PDF - Maxim Integrated Products
Part # MAX16920
Download  MAX16920 Download
File Size   3493.8 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Automotive Power-Management IC with Three Step-Down Converters and Linear Regulator

MAX16920 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16920 Datasheet PDF - Maxim Integrated Products

Part # MAX16920
Download  MAX16920 Click to download

File Size   3493.8 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Automotive Power-Management IC with Three Step-Down Converters and Linear Regulator

MAX16920 Datasheet (HTML) - Maxim Integrated Products


MAX16920 Product details

General Description
The MAX16920 power-management IC integrates three high-voltage step-down DC-DC converters, one high-voltage linear regulator, and an overvoltage protection block. The three step-down converters deliver up to 150mA, 600mA, and 1.5A, while the linear regulator is capable of up to 150mA. The MAX16920 is designed to operate with input voltages between 5.5V to 28V and survive voltage transients to 45V, making it ideal for automotive applications.

Features
● 5.5V to 28V Wide Operating Voltage Range
● Tolerates Input Voltage Transients Up to 45V
● Three High-Voltage Buck Converters with High Efficiency
● DC-DC1: 150mA (max), Always-On, Ultra-Low Quiescent Current (25μA) • 3.3V Fixed or Adjustable from 1.22V to 5V
● DC-DC2: 600mA (max), 5.0V Fixed or Adjustable Output Voltage from 1.22V to 5V
● DC-DC3: 1.5A (max), 3.3V Fixed or Adjustable from 1.22V to 8.0V
● One High-Voltage 5V Linear Regulator (150mA)
● pMOS Driver Output with Fixed Overvoltage Shutdown
● 400kHz (MAX16920A) or 2MHz (MAX16920B) Switching Frequency
● Frequency Synchronization Input
● Open-Drain Power-Good Outputs for DC-DC2, DC-DC3, LDOA, and Power-On Reset for DC-DC1
● Enable Inputs for DC-DC2, DC-DC3, and LDO
● Internal Soft-Start
● ±2% Undervoltage Comparator
● Overtemperature Shutdown
● -40°C to +125°C Operating Temperature Range
● Compact 32-Pin TQFN Package (7mm x 7mm)

Applications
● Automotive Radios
● Automotive Navigation Systems




Similar Part No. - MAX16920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16920A MAXIM-MAX16920A Datasheet
1Mb / 9P
5.5V to 18V Input Range, Survives 45V Transients
Rev 0; 1/11
MAX16920B MAXIM-MAX16920B Datasheet
1Mb / 9P
5.5V to 18V Input Range, Survives 45V Transients
Rev 0; 1/11
MAX16920BEVKIT MAXIM-MAX16920BEVKIT Datasheet
1Mb / 9P
5.5V to 18V Input Range, Survives 45V Transients
Rev 0; 1/11
More results


Similar Description - MAX16920

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5771 SANYO-LA5771 Datasheet
66Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5777MP SANYO-LA5777MP Datasheet
125Kb / 4P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5752 SANYO-LA5752 Datasheet
67Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
logo
Texas Instruments
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Linear Technology
LTM4676AEY LINER-LTM4676AEY Datasheet
1Mb / 16P
130A Step-Down 關Module Regulator with PMBus Power System Management
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
26A Step-Down 關Module Regulator with PMBus Power System Management
logo
STMicroelectronics
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
logo
Renesas Technology Corp
ISL78083 RENESAS-ISL78083 Datasheet
918Kb / 33P
Automotive Camera Power Management IC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Nov.15.19
logo
Texas Instruments
TPS6521905 TI1-TPS6521905 Datasheet
4Mb / 164P
User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
JUNE 2023
TPS6521905-Q1 TI-TPS6521905-Q1 Datasheet
2Mb / 155P
Automotive User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
SEPTEMBER 2023
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com