Electronic Components Datasheet Search
  English  ▼

X  

1433047 Datasheet (PDF) - PHOENIX CONTACT

1433047 Datasheet PDF - PHOENIX CONTACT
Part # 1433047
Download  1433047 Download
File Size   3111.67 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NEARFI 200 B - Inductive coupler

1433047 Datasheet (PDF)

Go To PDF Page Download Datasheet
1433047 Datasheet PDF - PHOENIX CONTACT

Part # 1433047
Download  1433047 Click to download

File Size   3111.67 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NEARFI 200 B - Inductive coupler

1433047 Datasheet (HTML) - PHOENIX CONTACT


1433047 Product details

Product description
With the robust NEARFI 200 NearFi couplers, you can transmit power (50 W, 24 V DC / 2 A, US) without contact across a distance in the centimeter
range. The couplers do not need to be configured and are ready for immediate use. The NearFi couplers can be brought together from any direction
or in rotation. They can face each other with an offset or at a tangential angle. You can therefore replace wear-sensitive and maintenance-intensive
connections and reduce downtimes in your systems. Various combination options enable power transmission of up to 100 W with automatic load
balancing or the transmission of two electrically isolated voltages (2 x 50 W, US+UA). The IP65 devices are connected using M12 push-pull fastconnection
technology (L-coded).




Similar Part No. - 1433047

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1433040 PHOENIX-1433040 Datasheet
1Mb / 16P
NEARFI 2000 R - Inductive coupler
1433041 PHOENIX-1433041 Datasheet
2Mb / 18P
NEARFI 2000 B - Inductive coupler
1433046 PHOENIX-1433046 Datasheet
3Mb / 20P
NEARFI 200 R - Inductive coupler
1433049 PHOENIX-1433049 Datasheet
3Mb / 20P
NEARFI 2200 R - Inductive coupler
More results


Similar Description - 1433047

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADC-6-1R MINI-ADC-6-1R Datasheet
255Kb / 1P
Directional Coupler 50廓 5 to 200 MHz
logo
HARTING Technology Grou...
19-30-016-0738 HARTING-19-30-016-0738 Datasheet
505Kb / 2P
Han B Hood Coupler HC 2 Levers M40
19-30-016-1732 HARTING-19-30-016-1732 Datasheet
497Kb / 2P
Han B Hood Coupler LC M32
19-62-810-0757 HARTING-19-62-810-0757 Datasheet
610Kb / 2P
Han B EMC/B hood coupler 1 Lever M32
logo
PHOENIX CONTACT
1234226 PHOENIX-1234226 Datasheet
3Mb / 24P
Inductive coupler - NEARFI P 2A B
Dec 6, 2022
1234229 PHOENIX-1234229 Datasheet
3Mb / 21P
Inductive coupler - NEARFI P 2A R
Dec 6, 2022
1234232 PHOENIX-1234232 Datasheet
4Mb / 35P
Inductive coupler - NEARFI D ETH B
Dec 6, 2022
1234234 PHOENIX-1234234 Datasheet
4Mb / 37P
Inductive coupler - NEARFI D ETH R
Dec 6, 2022
1234224 PHOENIX-1234224 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH B
Dec 6, 2022
1234225 PHOENIX-1234225 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH R
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com