Electronic Components Datasheet Search
  English  ▼

X  

1433041 Datasheet (PDF) - PHOENIX CONTACT

1433041 Datasheet PDF - PHOENIX CONTACT
Part # 1433041
Download  1433041 Download
File Size   2252.48 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NEARFI 2000 B - Inductive coupler

1433041 Datasheet (PDF)

Go To PDF Page Download Datasheet
1433041 Datasheet PDF - PHOENIX CONTACT

Part # 1433041
Download  1433041 Click to download

File Size   2252.48 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NEARFI 2000 B - Inductive coupler

1433041 Datasheet (HTML) - PHOENIX CONTACT


1433041 Product details

Product description
With the robust NEARFI 2000 NearFi couplers, you can transmit real-time Ethernet data (100 Mbps, full duplex) without contact across distances of
up to 10 cm. The couplers do not need to be configured and are ready for immediate use. The specially developed NearFi Technology enables
latency-free and protocol-independent Ethernet communication. At the same time, the limited wireless range ensures security and permits parallel
applications in the tightest of spaces. The NearFi couplers can be brought together from any direction or in rotation. They can face each other with
an offset or at a tangential angle. You can therefore replace wear-sensitive and maintenance-intensive connections and reduce downtimes in your
systems. The IP65 devices are connected using M12 push-pull fast-connection technology (L/D-coded).




Similar Part No. - 1433041

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1433040 PHOENIX-1433040 Datasheet
1Mb / 16P
NEARFI 2000 R - Inductive coupler
1433046 PHOENIX-1433046 Datasheet
3Mb / 20P
NEARFI 200 R - Inductive coupler
1433047 PHOENIX-1433047 Datasheet
3Mb / 20P
NEARFI 200 B - Inductive coupler
1433049 PHOENIX-1433049 Datasheet
3Mb / 20P
NEARFI 2200 R - Inductive coupler
More results


Similar Description - 1433041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
11 dB Directional Coupler 1500 - 2000 MHz
logo
Mini-Circuits
ZX30-17-5 MINI-ZX30-17-5 Datasheet
66Kb / 1P
Directional Coupler 50??5 to 2000 MHz
TCD-9-1W MINI-TCD-9-1W Datasheet
285Kb / 1P
Directional Coupler 50廓 5 to 2000 MHz
TCD-9-1W-75 MINI-TCD-9-1W-75 Datasheet
282Kb / 1P
Directional Coupler 75廓 5 to 2000 MHz
logo
PHOENIX CONTACT
1234226 PHOENIX-1234226 Datasheet
3Mb / 24P
Inductive coupler - NEARFI P 2A B
Dec 6, 2022
1234229 PHOENIX-1234229 Datasheet
3Mb / 21P
Inductive coupler - NEARFI P 2A R
Dec 6, 2022
1234232 PHOENIX-1234232 Datasheet
4Mb / 35P
Inductive coupler - NEARFI D ETH B
Dec 6, 2022
1234234 PHOENIX-1234234 Datasheet
4Mb / 37P
Inductive coupler - NEARFI D ETH R
Dec 6, 2022
1234224 PHOENIX-1234224 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH B
Dec 6, 2022
1234225 PHOENIX-1234225 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH R
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com