Electronic Components Datasheet Search
  English  ▼

X  

UCC27624 Datasheet (PDF) - Texas Instruments

UCC27624 Datasheet PDF - Texas Instruments
Part # UCC27624
Download  UCC27624 Download
File Size   3447.07 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC27624 30V, 5A, Dual-Channel, Low-Side Gate Driver with –10V Input Capability

UCC27624 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27624 Datasheet PDF - Texas Instruments

Part # UCC27624
Download  UCC27624 Click to download

File Size   3447.07 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC27624 30V, 5A, Dual-Channel, Low-Side Gate Driver with –10V Input Capability

UCC27624 Datasheet (HTML) - Texas Instruments


UCC27624 Product details

1 Features
• Typical 5A peak source and sink drive current for
each channel
• Input and enable pins capable of handling –10V
• Output capable of handling –2V transients
• Absolute maximum VDD voltage: 30V
• Wide VDD operating range from 4.5V to 26V with
UVLO
• Two independent gate drive channels
• Independent enable function for each output
• Hysteretic-logic thresholds for high noise immunity
• VDD independent input thresholds (TTL
compatible)
• Fast propagation delays (17ns typical)
• Fast rise and fall times (6ns and 10ns typical)
• 1ns typical delay matching between the two
channels
• Two channels can be paralleled for higher drive
current
• SOIC8 and VSSOP8 PowerPAD™ package
options
• Operating junction temperature range of –40°C to
150°C

2 Applications
• Switched-mode power supplies (SMPS)
• Power factor correction (PFC) circuits
• DC/DC converter
• Motor drives
• Solar power supplies
• Pulse transformer driver

3 Description
The UCC27624 is a dual-channel, high-speed, lowside
gate driver that effectively drives MOSFET,
IGBT, SiC, and GaN power switches. UCC27624
has a typical peak drive strength of 5A, which
reduces rise and fall times of the power switches,
lowers switching losses, and increases efficiency.
The device's fast propagation delay (17ns typical)
yields better power stage efficiency by improving the
deadtime optimization, pulse width utilization, control
loop response, and transient performance of the
system.
UCC27624 can handle –10V at its inputs, which
improves robustness in systems with moderate
ground bouncing. The inputs are independent of
supply voltage and can be connected to most
controller outputs for maximum control flexibility. An
independent enable signal allows the power stage to
be controlled independently of main control logic. In
the event of a system fault, the gate driver can quickly
shut-off by pulling enable low. Many high-frequency
switching power supplies exhibit noise at the gate
of the power device, which can get injected into the
output pin on the gate driver and can cause the driver
to malfunction. The device's transient reverse current
and reverse voltage capability allow it to tolerate noise
on the gate of the power device or pulse-transformer
and avoid driver malfunction.
The UCC27624 also features undervoltage lockout
(UVLO) for improved system robustness. When there
is not enough bias voltage to fully enhance the power
device, the gate driver output is held low by the strong
internal pull down MOSFET.




Similar Part No. - UCC27624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27624 TI-UCC27624 Datasheet
2Mb / 33P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
MAY 2022
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624 TI-UCC27624 Datasheet
2Mb / 32P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
More results


Similar Description - UCC27624

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
UCC27518A-Q1 TI-UCC27518A-Q1_15 Datasheet
892Kb / 32P
Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27624 TI-UCC27624_V01 Datasheet
2Mb / 33P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624-Q1 TI-UCC27624-Q1 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
MAY 2022
UCC27624-Q1 TI-UCC27624-Q1_V01 Datasheet
2Mb / 31P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624-Q1 TI-UCC27624-Q1_V02 Datasheet
2Mb / 32P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624-Q1 TI-UCC27624-Q1_V03 Datasheet
2Mb / 35P
UCC27624-Q1 30-V, 5-A, Dual-Channel, Low-Side Gate Driver with –10-V Input Capability For Automotive Applications
REVISED NOVEMBER 2022
UCC27624 TI-UCC27624_V02 Datasheet
3Mb / 37P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with –10-V Input Capability
REVISED DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com