Electronic Components Datasheet Search
  English  ▼

X  

DRV7308 Datasheet (PDF) - Texas Instruments

DRV7308 Datasheet PDF - Texas Instruments
Part # DRV7308
Download  DRV7308 Download
File Size   3164.39 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV7308 Three Phase 650V, 5A, GaN Intelligent Power Module

DRV7308 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV7308 Datasheet PDF - Texas Instruments

Part # DRV7308
Download  DRV7308 Click to download

File Size   3164.39 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV7308 Three Phase 650V, 5A, GaN Intelligent Power Module

DRV7308 Datasheet (HTML) - Texas Instruments


DRV7308 Product details

1 Features
• Three-phase PWM motor driver with integrated
650V enhancement mode GaN FETs
• Up to 450V operating voltage
– 650V absolute maximum voltage
• High output current capability: 5A Peak current
• Low conduction loss: Low on-state resistance per
GaN FET: 205mΩ RDS(ON) at TA = 25°C
• Low switching loss: Zero reverse recovery, low
output capacitance, slew rate control
• Low distortion: Ultra-low propagation delay <
135ns, Ultra-low adaptive dead time < 200ns
• Integrated gate drives with slew rate control of
phase node voltage
– Slew rate options from 5V/ns to 40V/ns
• Integrated fast bootstrap GaN rectifier
• Low-side GaN FET open source pins to support 1-
or 2- or 3-shunt current sensing
• Supports up to 100kHz hard switching
• Integrates an amplifier for current sensing
• Supports 3.3V and 5V logic inputs, up to 20V
• BRAKE pin to turn on all low side GaN FETs
• Integrated temperature sensor
• >1.6mm clearance of motor phase (OUTx) to the
adjacent pins.
• 2mm clearance between VM and GND
• Integrated protection features
– GVDD and bootstrap under voltage lockout
– Over current protection for low-side GaN FET
– Over temperature protection
– PWM adaptive dead time insertion
– Current limit protection for all three phases
– Fault condition indication pin (nFAULT)

2 Applications
• Refrigerator & freezer
• Appliances and HVAC pumps and fans
• Dishwasher
• Small home appliances
• Residential air conditioners
• Cooker hood
• Brushless-DC motor modules

3 Description
The DRV7308 is a three-phase intelligent power
module (IPM) that consists of 205mΩ, 650V e-mode
Gallium-Nitride (GaN) for driving three-phase BLDC/
PMSM motors up to 450V DC rails. The applications
include field-oriented control (FOC), sinusoidal current
control, and trapezoidal (six step) current control of
BLDC motors. The device helps to achieve more
than 99% efficiency for a 3-phase modulated, FOCdriven,
250W motor drive application in a QFN 12mm
x 12mm package at 20kHz switching frequency,
eliminating the need for heat sink. The device helps
to achieve ultra quiet operation, with very low dead
time. The integrated bootstrap rectifier with bootstrap
current limit eliminates the need for an external
bootstrap diode.




Similar Part No. - DRV7308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV7308 TI1-DRV7308 Datasheet
1Mb / 26P
DRV7308 Three Phase 650V, 5A, GaN Intelligent Power Module
MAY 2024
More results


Similar Description - DRV7308

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK3003 MSK-MSK3003 Datasheet
323Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
logo
International Rectifier
200MT40KPBF IRF-200MT40KPBF Datasheet
129Kb / 6P
THREE PHASE BRIDGE Power Module
logo
Semikron International
25ACI12T4V2 SEMIKRON-25ACI12T4V2 Datasheet
1Mb / 6P
Three-phase inverter intelligent
logo
Microsemi Corporation
APTLGF300A1208G MICROSEMI-APTLGF300A1208G Datasheet
184Kb / 6P
Phase leg Intelligent Power Module
APTLGF350A608G MICROSEMI-APTLGF350A608G Datasheet
197Kb / 7P
Phase leg Intelligent Power Module
APTLGL325A1208G MICROSEMI-APTLGL325A1208G Datasheet
172Kb / 6P
Phase leg Intelligent Power Module
APTLGT300A1208G MICROSEMI-APTLGT300A1208G Datasheet
175Kb / 6P
Phase leg Intelligent Power Module
APTLGT400A608G MICROSEMI-APTLGT400A608G Datasheet
171Kb / 6P
Phase leg Intelligent Power Module
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
logo
PULS GmbH
CT10.481 PULS-CT10.481 Datasheet
694Kb / 22P
48V, 5A, THREE PHASE INPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com