Electronic Components Datasheet Search
  English  ▼

X  

DRV7308 Datasheet (PDF) - Texas Instruments

DRV7308 Datasheet PDF - Texas Instruments
Part # DRV7308
Download  DRV7308 Download
File Size   1390.63 Kbytes
Page   26 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV7308 Three Phase 650V, 5A, GaN Intelligent Power Module

DRV7308 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV7308 Datasheet PDF - Texas Instruments

Part # DRV7308
Download  DRV7308 Click to download

File Size   1390.63 Kbytes
Page   26 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV7308 Three Phase 650V, 5A, GaN Intelligent Power Module

DRV7308 Datasheet (HTML) - Texas Instruments


DRV7308 Product details

1 Features
• Three-phase PWM motor driver with integrated
650V enhancement mode GaNFETs
• Up to 450V operating voltage
– 650V absolute maximum voltage
• High output current capability: 5A Peak current
• Low conduction loss: Low on-state resistance per
GaN FET: 205mΩ RDS(ON) at TA = 25°C
• Low switching loss: Zero reverse recovery, low
output capacitance, slew rate control
• Low distortion: Ultra low propagation delay <
135ns, Ultra low adaptive dead time < 200ns
• Integrated gate drives with slew rate control of
phase node voltage
– Slew rate options from 5V/ns to 40V/ns
• 500ns minimum low side on time support with
integrated fast bootstrap GaN rectifier
• Low-side GaN FET open source pins to support 1-
or 2- or 3-shunt current sensing
• Supports up to 60kHz hard switching
• Integrates a 11MHz, 15V/μs amplifier for single
shunt current sensing
• Supports 3.3V and 5V logic inputs
• Integrated BRAKE functionality to turn on all low
side GaN FETs together
• Integrated temperature sensor
• >1.6mm clearance between OUTx and OUTx, VM
and OUTx and OUTx and PGND.
• 2mm clearance between VM and PGND
• Integrated protection features
– GVDD and bootstrap under voltage lockout
– Over current protection for each GaN FET
– Over temperature protection
– PWM input dead time
– Current limit protection using integrated
comparators for all three phases
– Fault condition indication pin (HV_nFAULT)

2 Applications
• Refrigerator & freezer
• Appliances and HVAC pumps and fans
• Dishwasher
• Small home appliances
• Residential air conditioners
• Cooker hood
• Brushless-DC motor modules

3 Description
The DRV7308 is a three-phase intelligent power
module (IPM) that consists of 205mΩ, 650V e-mode
Gallium-Nitride (GaN) for driving three-phase BLDC/
PMSM motors up to 450V DC rails. The applications
include field-oriented control (FOC), sinusoidal current
control, and trapezoidal (six step) current control of
BLDC motors. The device helps to achieve more
than 99% efficiency for a 3-phase modulated, FOCdriven,
250W motor drive application in a QFN 12mm
x 12mm package at 20kHz switching frequency,
eliminating the need for heat sink. The device helps
to achieve ultra quiet operation, with very low dead
time. The integrated bootstrap rectifier with bootstrap
current limit, eliminates the need for an external
bootstrap diode.




Similar Part No. - DRV7308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV7308 TI2-DRV7308 Datasheet
3Mb / 39P
DRV7308 Three Phase 650V, 5A, GaN Intelligent Power Module
REVISED OCTOBER 2025
DRV7308RENR TI2-DRV7308RENR Datasheet
3Mb / 39P
DRV7308 Three Phase 650V, 5A, GaN Intelligent Power Module
REVISED OCTOBER 2025
More results


Similar Description - DRV7308

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK3003 MSK-MSK3003 Datasheet
323Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
logo
International Rectifier
200MT40KPBF IRF-200MT40KPBF Datasheet
129Kb / 6P
THREE PHASE BRIDGE Power Module
logo
Semikron International
25ACI12T4V2 SEMIKRON-25ACI12T4V2 Datasheet
1Mb / 6P
Three-phase inverter intelligent
logo
Microsemi Corporation
APTLGF300A1208G MICROSEMI-APTLGF300A1208G Datasheet
184Kb / 6P
Phase leg Intelligent Power Module
APTLGF350A608G MICROSEMI-APTLGF350A608G Datasheet
197Kb / 7P
Phase leg Intelligent Power Module
APTLGL325A1208G MICROSEMI-APTLGL325A1208G Datasheet
172Kb / 6P
Phase leg Intelligent Power Module
APTLGT300A1208G MICROSEMI-APTLGT300A1208G Datasheet
175Kb / 6P
Phase leg Intelligent Power Module
APTLGT400A608G MICROSEMI-APTLGT400A608G Datasheet
171Kb / 6P
Phase leg Intelligent Power Module
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
logo
PULS GmbH
CT10.481 PULS-CT10.481 Datasheet
694Kb / 22P
48V, 5A, THREE PHASE INPUT
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com