Electronic Components Datasheet Search
  English  ▼

X  

1949351 Datasheet (PDF) - PHOENIX CONTACT

1949351 Datasheet PDF - PHOENIX CONTACT
Part # 1949351
Download  1949351 Download
File Size   309.15 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 3-ST-5,08 BK BD:1-3 - PCB connector

1949351 Datasheet (PDF)

Go To PDF Page Download Datasheet
1949351 Datasheet PDF - PHOENIX CONTACT

Part # 1949351
Download  1949351 Click to download

File Size   309.15 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 3-ST-5,08 BK BD:1-3 - PCB connector

1949351 Datasheet (HTML) - PHOENIX CONTACT


1949351 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: MC 1,5/..-
ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking:
without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1949351

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1949306 PHOENIX-1949306 Datasheet
79Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-G-3,5 BK
1949319 PHOENIX-1949319 Datasheet
846Kb / 13P
MC 1,5/ 2-ST-3,5 BK BD:1,2 - PCB connector
1949322 PHOENIX-1949322 Datasheet
84Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-ST-3,5 BK BD:1-7
1949335 PHOENIX-1949335 Datasheet
870Kb / 13P
MC 1,5/10-ST-3,5 BK BD:1-10 - PCB connector
logo
Festo Corporation.
194936 FESTO-194936 Datasheet
85Kb / 1P
Air preparation unit
8/11/22
More results


Similar Description - 1949351

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715857 PHOENIX-1715857 Datasheet
115Kb / 3P
MKDS 1,5/ 3-5,08 BD:1-3
1762208 PHOENIX-1762208 Datasheet
122Kb / 6P
MSTB 2,5/ 3-ST-5,08 BD: 1-3
1707985 PHOENIX-1707985 Datasheet
68Kb / 2P
MVSTBR 2,5/ 3-ST-5,08 BD:1-3
1900471 PHOENIX-1900471 Datasheet
59Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-ST-3,5 BD:1-3
1974245 PHOENIX-1974245 Datasheet
63Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-ST-5,08 BK
1848274 PHOENIX-1848274 Datasheet
101Kb / 4P
Plug - MC 1,5/ 3-ST-3,81 BD:1-3
11/05/2018
1836082 PHOENIX-1836082 Datasheet
436Kb / 13P
PCB connector - MC 1,5/ 3-ST-5,08
Jul 21, 2022
1836118 PHOENIX-1836118 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 6-ST-5,08
Jan 3, 2023
1836134 PHOENIX-1836134 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 8-ST-5,08
Jan 3, 2023
1847369 PHOENIX-1847369 Datasheet
429Kb / 13P
PCB connector - MC 1,5/ 3-STF-5,08
Jan 5, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com