Electronic Components Datasheet Search
  English  ▼

X  

1949335 Datasheet (PDF) - PHOENIX CONTACT

1949335 Datasheet PDF - PHOENIX CONTACT
Part # 1949335
Download  1949335 Download
File Size   870.68 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/10-ST-3,5 BK BD:1-10 - PCB connector

1949335 Datasheet (PDF)

Go To PDF Page Download Datasheet
1949335 Datasheet PDF - PHOENIX CONTACT

Part # 1949335
Download  1949335 Click to download

File Size   870.68 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/10-ST-3,5 BK BD:1-10 - PCB connector

1949335 Datasheet (HTML) - PHOENIX CONTACT


1949335 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range: MC 1,5/..
-ST, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking:
without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1949335

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1949306 PHOENIX-1949306 Datasheet
79Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-G-3,5 BK
1949319 PHOENIX-1949319 Datasheet
846Kb / 13P
MC 1,5/ 2-ST-3,5 BK BD:1,2 - PCB connector
1949322 PHOENIX-1949322 Datasheet
84Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-ST-3,5 BK BD:1-7
1949351 PHOENIX-1949351 Datasheet
309Kb / 10P
MC 1,5/ 3-ST-5,08 BK BD:1-3 - PCB connector
logo
Festo Corporation.
194936 FESTO-194936 Datasheet
85Kb / 1P
Air preparation unit
8/11/22
More results


Similar Description - 1949335

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840447 PHOENIX-1840447 Datasheet
140Kb / 5P
MC 1,5/10-ST-3,5
1705770 PHOENIX-1705770 Datasheet
70Kb / 3P
MC 1,5/ 6-ST-3,5 BK BDWH:1-6
1860346 PHOENIX-1860346 Datasheet
58Kb / 4P
Printed-circuit board connector - MC 1,5/10-ST-3,81 BD:1-10
1918939 PHOENIX-1918939 Datasheet
60Kb / 5P
Printed-circuit board connector - MC 1,5/10-ST-3,5 BD:1-10
1943250 PHOENIX-1943250 Datasheet
60Kb / 5P
Printed-circuit board connector - MC 1,5/ 6-ST-3,5 BD:1-6
1949322 PHOENIX-1949322 Datasheet
84Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-ST-3,5 BK BD:1-7
1713677 PHOENIX-1713677 Datasheet
98Kb / 3P
PCB terminal block - PTSA 1,5/10-3,5-F GY BD:1-10
11/04/2018
1840418 PHOENIX-1840418 Datasheet
874Kb / 15P
PCB connector - MC 1,5/ 7-ST-3,5
Jul 20, 2022
1840489 PHOENIX-1840489 Datasheet
881Kb / 16P
PCB connector - MC 1,5/14-ST-3,5
Jan 3, 2023
1464114 PHOENIX-1464114 Datasheet
718Kb / 18P
XPC 1,5/10-ST-3,5 BK - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com