Electronic Components Datasheet Search
  English  ▼

X  

1749593 Datasheet (PDF) - PHOENIX CONTACT

1749593 Datasheet PDF - PHOENIX CONTACT
Part # 1749593
Download  1749593 Download
File Size   476.6 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/18-ST-5,08 AU - PCB connector

1749593 Datasheet (PDF)

Go To PDF Page Download Datasheet
1749593 Datasheet PDF - PHOENIX CONTACT

Part # 1749593
Download  1749593 Click to download

File Size   476.6 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/18-ST-5,08 AU - PCB connector

1749593 Datasheet (HTML) - PHOENIX CONTACT


1749593 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Au, contact connection type: Socket, number of potentials:
18, number of rows: 1, number of positions: 18, number of connections: 18, product range:
MSTB 2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of
packaging: packed in cardboard




Similar Part No. - 1749593

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749599 PHOENIX-1749599 Datasheet
435Kb / 10P
MCDN 1,5/ 9-G1-3,81 P26THR - PCB header
More results


Similar Description - 1749593

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849037 PHOENIX-1849037 Datasheet
125Kb / 5P
MSTB 2,5/ 5-ST-5,08 ABGY AU
1705229 PHOENIX-1705229 Datasheet
96Kb / 2P
MSTB 2,5/ 4-ST-5,08 AU (1,4)
1749140 PHOENIX-1749140 Datasheet
113Kb / 5P
MSTB 2,5/13-ST-5,08 AU
1752124 PHOENIX-1752124 Datasheet
113Kb / 5P
MSTB 2,5/ 2-ST-5,08 AU
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
1752302 PHOENIX-1752302 Datasheet
115Kb / 6P
MSTB 2,5/ 4-ST-5,08 AU
1752483 PHOENIX-1752483 Datasheet
103Kb / 3P
MSTB 2,5/ 6-ST-5,08 AU
1752687 PHOENIX-1752687 Datasheet
116Kb / 6P
MSTB 2,5/ 8-ST-5,08 AU
1752865 PHOENIX-1752865 Datasheet
91Kb / 4P
Plug - MSTB 2,5/10-ST-5,08 AU
1767915 PHOENIX-1767915 Datasheet
126Kb / 5P
MSTB 2,5/ 5-ST-5,08 BK AU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com