Electronic Components Datasheet Search
  English  ▼

X  

1749599 Datasheet (PDF) - PHOENIX CONTACT

1749599 Datasheet PDF - PHOENIX CONTACT
Part # 1749599
Download  1749599 Download
File Size   435.67 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/ 9-G1-3,81 P26THR - PCB header

1749599 Datasheet (PDF)

Go To PDF Page Download Datasheet
1749599 Datasheet PDF - PHOENIX CONTACT

Part # 1749599
Download  1749599 Click to download

File Size   435.67 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/ 9-G1-3,81 P26THR - PCB header

1749599 Datasheet (HTML) - PHOENIX CONTACT


1749599 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 18, number
of rows: 2, number of positions: 9, number of connections: 18, product range: MCDN 1,5/..-G1-
THR, pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON FMC
1,5 - MCDN 1,5, Pin connector pattern alignment: Standard, locking: without, mounting method:
without, type of packaging: packed in cardboard, The pin length is 2.6 mm. User information and
design recommendations on Through Hole Reflow Technology can be found at: "Downloads




Similar Part No. - 1749599

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749593 PHOENIX-1749593 Datasheet
476Kb / 11P
MSTB 2,5/18-ST-5,08 AU - PCB connector
More results


Similar Description - 1749599

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1953774 PHOENIX-1953774 Datasheet
146Kb / 7P
Feed-through header - MCDN 1,5/ 8-G1-3,5 P26THR
1953790 PHOENIX-1953790 Datasheet
146Kb / 7P
Feed-through header - MCDN 1,5/10-G1-3,5 P26THR
1749625 PHOENIX-1749625 Datasheet
138Kb / 7P
Printed-circuit board connector - MCDN 1,5/12-G1-3,81 P26THR
1749641 PHOENIX-1749641 Datasheet
138Kb / 7P
Printed-circuit board connector - MCDN 1,5/14-G1-3,81 P26THR
1953884 PHOENIX-1953884 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/19-G1-3,5 P26THR
1953839 PHOENIX-1953839 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/14-G1-3,5 P26THR
1953787 PHOENIX-1953787 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/ 9-G1-3,5 P26THR
1749560 PHOENIX-1749560 Datasheet
496Kb / 12P
PCB header - MCDN 1,5/ 6-G1-3,81 P26THR
1749557 PHOENIX-1749557 Datasheet
494Kb / 12P
MCDN 1,5/ 5-G1-3,81 P26THR - PCB header
1749586 PHOENIX-1749586 Datasheet
493Kb / 12P
MCDN 1,5/ 8-G1-3,81 P26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com