Electronic Components Datasheet Search
  English  ▼

X  

DRV7167 Datasheet (PDF) - Texas Instruments

DRV7167 Datasheet PDF - Texas Instruments
Part # DRV7167
Download  DRV7167 Download
File Size   2370.91 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage

DRV7167 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV7167 Datasheet PDF - Texas Instruments

Part # DRV7167
Download  DRV7167 Click to download

File Size   2370.91 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage

DRV7167 Datasheet (HTML) - Texas Instruments


DRV7167 Product details

1 Features
• 100V, Half-bridge GaN Motor Driver power stage
with integrated driver supporting 48V systems
• Low GaN on-state resistance
– 2.2 mΩ RDS(ON) (per FET) at TA=25°C
• Enables efficient and high density power
conversion
– High output current capability: 70Arms, 250A
(pulsed, 300 μs)
– Supports upto 500 kHz PWM switching
frequency
– Excellent propagation delay (20ns typical) and
matching (2ns typical)
– Turn-on and turn-off slew-rate control for both
FETs
– Zero-voltage detection (ZVD) reporting for
optimizing dead-time in soft switching
applications
– Single PWM input option for IO-limited
controllers
• 5V external bias power supply
– Supports 3.3V and 5V input logic levels
• Integrated protection features
– Short circuit protection in Independent Inout
Mode (IIM)
– Internal bootstrap supply voltage regulation to
prevent GaN FET Overdrive
– VDS monitoring based cycle-by-cyle short-circuit
protection
– Fault indication for over-temperature, undervoltage
and short-circuit events
– Supply rail undervoltage lockout protection
• Package optimized for easy PCB layout
– Exposed top QFN package for top-side cooling
– Large GND pad for bottom-side cooling

2 Applications
• Humanoid Robots
• Collaborative robots
• Mobile Robots (AGV/AMR)
• 48V Servo Drives
• Drones
• E-bikes, E-Scooters, E-Mobility
• Power tools

3 Description
The DRV7167A is a 100V half-bridge power stage,
with integrated gate-driver and enhancement-mode
Gallium Nitride (GaN) FETs. The device consist of two
100V GaN FETs driven by one high-frequency GaN
FET driver in a half-bridge configuration.
GaN FETs provide significant advantages for power
conversion as they have zero reverse recovery
and very small input capacitance CISS and output
capacitance COSS. All the devices are mounted
on a completely bond-wire free package platform
with minimized package parasitic elements. The
DRV7167A is available in 7.0mm × 4.5mm × 0.89mm
lead-free packages and can be easily mounted on
PCBs.
The TTL logic compatible inputs can support 3.3V
and 5V logic levels regardless of the GVDD voltage.
A proprietary bootstrap voltage regulation technique
ensures the gate voltages of the enhancement mode
GaN FETs are within a safe operating range. The
device supports turn-on and turn-off slew-rate control
for both FETs, single PWM mode for use with
IO-limited controllers, short-circuit protection (SCP) ,
Over-Temperature Detection (OTD) and zero-voltage
detection (ZVD) reporting to minimize third quandrant
condution time.
The device extends advantages of discrete GaN
FETs by offering a more user-friendly interface. It
is an ideal solution for applications requiring highfrequency,
high-efficiency operation in a small form
factor.




Similar Part No. - DRV7167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV7163 TI2-DRV7163 Datasheet
2Mb / 39P
DRV7163A 100-V, 35A Half-Bridge GaN Motor Driver Power Stage
JULY 2026
DRV7163A TI2-DRV7163A Datasheet
2Mb / 39P
DRV7163A 100-V, 35A Half-Bridge GaN Motor Driver Power Stage
JULY 2026
More results


Similar Description - DRV7167

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2943 ALLEGRO-2943 Datasheet
97Kb / 6P
HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
A3910 ALLEGRO-A3910 Datasheet
231Kb / 7P
Dual Half Bridge Motor Driver
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
LMG5200 TI1-LMG5200_16 Datasheet
299Kb / 23P
GaN Half-Bridge Power Stage
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
Dual Half Bridge Motor Driver
logo
ON Semiconductor
NCP51820 ONSEMI-NCP51820 Datasheet
787Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
August, 2020 ??Rev. 2
logo
Allegro MicroSystems
A89500 ALLEGRO-A89500 Datasheet
756Kb / 13P
100 V Half-Bridge MOSFET Driver
logo
List of Unclassifed Man...
WI62120 ETC-WI62120 Datasheet
3Mb / 10P
Half-Bridge Power GaN IC
Rev. 1.0
logo
ON Semiconductor
NCP51810 ONSEMI-NCP51810 Datasheet
774Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
May, 2022 - Rev. 3
logo
Texas Instruments
LMG2100R044 TI1-LMG2100R044 Datasheet
916Kb / 26P
LMG2100R044 100-V, 35-A GaN Half-Bridge Power Stage
JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com