Electronic Components Datasheet Search
  English  ▼

X  

WI62120 Datasheet (PDF) - List of Unclassifed Manufacturers

WI62120 Datasheet PDF - List of Unclassifed Manufacturers
Part # WI62120
Download  WI62120 Download
File Size   3288.46 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Half-Bridge Power GaN IC

WI62120 Datasheet (PDF)

Go To PDF Page Download Datasheet
WI62120 Datasheet PDF - List of Unclassifed Manufacturers

Part # WI62120
Download  WI62120 Click to download

File Size   3288.46 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Half-Bridge Power GaN IC

WI62120 Datasheet (HTML) - List of Unclassifed Manufacturers


WI62120 Product details

Description
The WI62120 is an enhancement mode GaN-on-silicon half-bridge power circuit of the WiseGan™
power integrated circuits family of Wise-integration. The properties of GaN allow high current,
high voltage breakdown and high switching frequency.

Applications
• High efficiency power conversion
• High density power conversion
• AC-DC, DC-DC, DC-AC
• Bridgeless Totem Pole PFC
• ACF (active clamp flyback)
• LLC resonant converter
• Half-bridge topologies
• Synchronous Buck or Boost
• Small-Medium UPS
• Fast Battery Charging

Features
• 650 V enhancement mode half-bridge
• Bottom-side cooled configuration
• RDS(on) = 120 mΩ per switch
• IDS(max) = 13 A
• Low inductance PQFN package
• Easy gate drive requirements (0 V to 6 V)
• Transient tolerant gate drive up to 7 V
• High switching frequency (>1 MHz)
• Zero reverse recovery loss
• Small 6 x 8 mm PCB footprint





Similar Description - WI62120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
LMG5200 TI1-LMG5200_16 Datasheet
299Kb / 23P
GaN Half-Bridge Power Stage
logo
Efficient Power Convers...
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2101 EPC-CO-EPC2101 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2104 EPC-CO-EPC2104 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2111 EPC-CO-EPC2111 Datasheet
1Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com