Electronic Components Datasheet Search
  English  ▼

X  

OPA4377AIPWR Datasheet (PDF) - Texas Instruments

OPA4377AIPWR Datasheet PDF - Texas Instruments
Part # OPA4377AIPWR
Download  OPA4377AIPWR Download
File Size   1199.96 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers

OPA4377AIPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4377AIPWR Datasheet PDF - Texas Instruments

Part # OPA4377AIPWR
Download  OPA4377AIPWR Click to download

File Size   1199.96 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers

OPA4377AIPWR Datasheet (HTML) - Texas Instruments


OPA4377AIPWR Product details

1FEATURES
2• GAIN BANDWIDTH PRODUCT: 5.5MHz
• LOW NOISE: 7.5nV/√Hz at 1kHz
• OFFSET VOLTAGE: 1mV (max)
• INPUT BIAS CURRENT: 0.2pA
• RAIL-TO-RAIL OUTPUT
• UNITY-GAIN STABLE
• EMI INPUT FILTERING
• QUIESCENT CURRENT: 0.76mA/ch
• SUPPLY VOLTAGE: 2.2V to 5.5V
• SMALL PACKAGES:
SC70, SOT23, and MSOP

APPLICATIONS
• PHOTODIODE PREAMP
• PIEZOELECTRIC SENSOR PREAMP
• SENSOR SIGNAL CONDITIONING
• AUDIO EQUIPMENT
• ACTIVE FILTERS

DESCRIPTION
The OPA377 family of operational amplifiers are
wide-bandwidth CMOS amplifiers that provide very
low noise, low input bias current, and low offset
voltage while operating on a low quiescent current of
0.76mA (typ).
The OPA377 op amps are optimized for low-voltage,
single-supply applications. The exceptional
combination of ac and dc performance make them
ideal for a wide range of applications, including small
signal conditioning, audio, and active filters. In
addition, these parts have a wide supply range with
excellent PSRR, making them attractive for
applications that run directly from batteries without
regulation.
The OPA377 is available in the SC70-5, SOT23-5,
and SO-8 packages. The dual OPA2377 is offered in
the SO-8 and MSOP-8, and the quad OPA4377 in the
TSSOP-14 packages. All versions are specified for
operation from –40°C to +125°C.




Similar Part No. - OPA4377AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4377AIPWR TI1-OPA4377AIPWR Datasheet
1Mb / 26P
5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377AIPWR TI1-OPA4377AIPWR Datasheet
1Mb / 27P
5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
More results


Similar Description - OPA4377AIPWR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
logo
Texas Instruments
OPA2377 TI1-OPA2377 Datasheet
1Mb / 26P
5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377 TI-OPA4377 Datasheet
1Mb / 27P
5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
logo
Texas Instruments
OPA377 TI1-OPA377_15 Datasheet
1Mb / 27P
5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com