Electronic Components Datasheet Search
  English  ▼

X  

MC33078 Datasheet (PDF) - ON Semiconductor

MC33078 Datasheet PDF - ON Semiconductor
Part # MC33078
Download  MC33078 Download
File Size   277.38 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS

MC33078 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33078 Datasheet PDF - ON Semiconductor

Part # MC33078
Download  MC33078 Click to download

File Size   277.38 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS

MC33078 Datasheet (HTML) - ON Semiconductor


MC33078 Product details

The MC33078/9 series is a family of high quality monolithic amplifiers employing Bipolar technology with innovative high performance concepts for quality audio and data signal processing applications. This family incorporates the use of high frequency PNP input transistors to produce amplifiers exhibiting low input voltage noise with high gain bandwidth product and slew rate. The all NPN output stage exhibits no deadband crossover distortion, large output voltage swing, excellent phase and gain margins, low open loop high frequency output impedance and symmetrical source and sink AC frequency performance.
The MC33078/9 family offers both dual and quad amplifier versions and is available in the plastic DIP and SOIC packages (P and D suffixes).

Features
• Dual Supply Operation: ±5.0 V to ±18 V
• Low Voltage Noise: 4.5 nV/√Hz
• Low Input Offset Voltage: 0.15 mV
• Low T.C. of Input Offset Voltage: 2.0 μV/°C
• Low Total Harmonic Distortion: 0.002%
• High Gain Bandwidth Product: 16 MHz
• High Slew Rate: 7.0 V/μs
• High Open Loop AC Gain: 800 @ 20 kHz
• Excellent Frequency Stability
• Large Output Voltage Swing: +14.1 V/ −14.6 V
• ESD Diodes Provided on the Inputs
• NCV Prefix for Automotive and Other Applications
   Requiring Unique Site and Control Change Requirements
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - MC33078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Nov-1997
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
183Kb / 14P
Low Noise Dual Operational Amplifier
Feb-2006
MC33078 STMICROELECTRONICS-MC33078 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
More results


Similar Description - MC33078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Nov-1997
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Sep-1997
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
Dual and Quad, 8MHz, Low Noise Operational Amplifiers
October 26, 2004
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Jun-2005
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Oct-2001
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
Dual and Quad, 8MHz, Low Noise Operational Amplifiers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com