Electronic Components Datasheet Search
  English  ▼

X  

K100 Datasheet (PDF) - Banner Engineering Corp.

K100 Datasheet PDF - Banner Engineering Corp.
Part # K100_V06
Download  K100 Download
File Size   526.83 Kbytes
Page   6 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description Pro Hazardous Indicator Beacon - AC

K100 Datasheet (PDF)

Go To PDF Page Download Datasheet
K100 Datasheet PDF - Banner Engineering Corp.

Part # K100_V06
Download  K100 Click to download

File Size   526.83 Kbytes
Page   6 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description Pro Hazardous Indicator Beacon - AC

K100 Datasheet (HTML) - Banner Engineering Corp.


K100 Product details

Features
Industrial beacon providing bright indication for OEMs and users that need visible status information
Ex/HazLoc approvals for potentially explosive environment applications
Rugged construction provides years of uninterrupted operation
Unique water­shed beacon design helps protect the indicator
Fourteen colors in one device
36 mm threaded polycarbonate base
Rugged IP69K per DIN 40050-9, UL Type 4X housing
Variety of connector options
Rugged UV­stabilized polycarbonate base and window
100 V AC to 240 V AC operating voltage
IK08 impact rating for maximum protection demanding applications




Similar Part No. - K100_V06

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K100 BANNER-K100_V01 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
K100 BANNER-K100_V02 Datasheet
3Mb / 8P
Pro Daylight Visible Beacon – DC
May 26, 2023 Rev. F
K100 BANNER-K100_V03 Datasheet
3Mb / 6P
Pro Indicator Beacon
May 26, 2023 Rev. E
K100 BANNER-K100_V04 Datasheet
1Mb / 4P
Pro Indicator Beacon
May 26, 2023 Rev. D
K100 BANNER-K100_V05 Datasheet
1Mb / 5P
Pro Daylight Visible Beacon
May 26, 2023 Rev. D
More results


Similar Description - K100_V06

ManufacturerPart #DatasheetDescription
logo
Littelfuse
242 LITTELFUSE-242 Datasheet
90Kb / 1P
Hazardous Area Fuses
logo
List of Unclassifed Man...
YSS248 ETC-YSS248 Datasheet
1Mb / 12P
DOLBY AC-3 PRO LOGIC DECODER
logo
Littelfuse
JTD LITTELFUSE-JTD Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
JTD-ID LITTELFUSE-JTD-ID Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
logo
Banner Engineering Corp...
TL50BLZ BANNER-TL50BLZ Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
logo
Schneider Electric
XVR08J06 SCHNEIDER-XVR08J06 Datasheet
123Kb / 4P
Rotating beacon, 84 mm, blue, without buzzer, 12 AC
May 24, 2021
XVBL8B5 SCHNEIDER-XVBL8B5 Datasheet
113Kb / 4P
Harmony XVB, Illuminated beacon, plastic, Harmony XVB, Illuminated beacon, plastic, tube, 10 joule, 24 V AC/DC
May 24, 2021
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
K100 BANNER-K100_V01 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
logo
Marathon Special Produc...
FDS30CXPDS MARATHON-FDS30CXPDS Datasheet
438Kb / 3P
Minimum Indicator Voltage - 90V-AC
05-24-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com