Electronic Components Datasheet Search
  English  ▼

X  

K100 Datasheet (PDF) - Banner Engineering Corp.

K100 Datasheet PDF - Banner Engineering Corp.
Part # K100_V04
Download  K100 Download
File Size   1732.19 Kbytes
Page   4 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description Pro Indicator Beacon

K100 Datasheet (PDF)

Go To PDF Page Download Datasheet
K100 Datasheet PDF - Banner Engineering Corp.

Part # K100_V04
Download  K100 Click to download

File Size   1732.19 Kbytes
Page   4 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description Pro Indicator Beacon

K100 Datasheet (HTML) - Banner Engineering Corp.


K100 Product details

Features
Industrial beacon providing bright indication for OEMs and users that need visible status information
Rugged construction provides years of uninterrupted operation
Unique watershed
beacon design helps protect the indicator
Fourteen colors in one device
36 mm threaded polycarbonate base
Rugged IP66 and IP69K per DIN 40050-9, UL Type 4X housing
Variety of connector options
Rugged UVstabilized
polycarbonate base and window
100 V AC to 240 V AC operating voltage




Similar Part No. - K100_V04

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K100 BANNER-K100_V01 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
K100 BANNER-K100_V02 Datasheet
3Mb / 8P
Pro Daylight Visible Beacon – DC
May 26, 2023 Rev. F
K100 BANNER-K100_V03 Datasheet
3Mb / 6P
Pro Indicator Beacon
May 26, 2023 Rev. E
K100 BANNER-K100_V05 Datasheet
1Mb / 5P
Pro Daylight Visible Beacon
May 26, 2023 Rev. D
K100 BANNER-K100_V06 Datasheet
526Kb / 6P
Pro Hazardous Indicator Beacon - AC
June 12, 2023
More results


Similar Description - K100_V04

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JTD LITTELFUSE-JTD Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
JTD-ID LITTELFUSE-JTD-ID Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
EasyMx PRO
DL1BLB ETC2-DL1BLB Datasheet
99Kb / 2P
DL1BLB Indicating Beacon
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
WEBVISIT PRO
logo
Banner Engineering Corp...
K50 BANNER-K50_V11 Datasheet
481Kb / 6P
EZ-LIGHT짰 K50 Beacon
logo
Pepperl+Fuchs Inc.
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
Bluetooth짰 Low Energy Beacon
2021-06-28
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
K100 BANNER-K100_V01 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com