Electronic Components Datasheet Search
  English  ▼

X  

SEN0223 Datasheet (PDF) - DFROBOT

SEN0223 Datasheet PDF - DFROBOT
Part # SEN0223
Download  SEN0223 Download
File Size   223.27 Kbytes
Page   5 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Conductivity Switch Sensor SKU: SEN0223

SEN0223 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0223 Datasheet PDF - DFROBOT

Part # SEN0223
Download  SEN0223 Click to download

File Size   223.27 Kbytes
Page   5 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Conductivity Switch Sensor SKU: SEN0223

SEN0223 Datasheet (HTML) - DFROBOT


SEN0223 Product details

Specification
 Operating voltage: 3.3 ~ 5V
 Output type: digital signal
 Interface mode: PH2.0-3P
 Can identify the maximum resistance: 10M
 Board size: 30 * 22mm
 Alligator clip length: 45cm
 Weight: 22g




Similar Part No. - SEN0223

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0220 DFROBOT-SEN0220 Datasheet
228Kb / 6P
Infrared CO2 Sensor 0‐50000ppm SKU: SEN0220
5-3-17
SEN0221 DFROBOT-SEN0221 Datasheet
184Kb / 4P
Gravity: Hall Angle Sensor SKU: SEN0221
6-7-17
SEN0224 DFROBOT-SEN0224 Datasheet
335Kb / 6P
Gravity: I2C Triple Axis Accelerometer ‐ LIS2DH
5-3-17
SEN0226 DFROBOT-SEN0226 Datasheet
218Kb / 5P
Gravity: I2C BMP280 Barometer Sensor SKU: SEN0226
6-6-17
SEN0228 DFROBOT-SEN0228 Datasheet
285Kb / 6P
Gravity: I2C VEML7700 Ambient Light Sensor
9-19-17
More results


Similar Description - SEN0223

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
871CC SCHNEIDER-871CC Datasheet
85Kb / 1P
Contacting conductivity sensor with 3/4-in NPT process connection lowand medium-conductivity process fluids
Apr 26, 2022
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
logo
DFROBOT
SEN0204 DFROBOT-SEN0204 Datasheet
382Kb / 5P
Non‐contact Liquid Level Sensor XKC‐Y25‐T12V SKU: SEN0204
logo
Endress+Hauser Group Se...
CLS12 EH-CLS12 Datasheet
826Kb / 8P
Conductivity sensor for high-temperature applications
2021-10-31
CLS13 EH-CLS13 Datasheet
855Kb / 8P
Conductivity sensor for high-temperature applications
2022-06-30
CLS15E EH-CLS15E Datasheet
859Kb / 12P
Digital conductivity sensor with Memosens 2.0 technology
CLS16E EH-CLS16E Datasheet
488Kb / 12P
Digital conductivity sensor with Memosens technology
CLS19 EH-CLS19 Datasheet
493Kb / 8P
Conductivity sensor
2021-09-30
CLS21E EH-CLS21E Datasheet
972Kb / 12P
Digital conductivity sensor with Memosens technology
CLS82E EH-CLS82E Datasheet
578Kb / 16P
Hygienic conductivity sensor Digital with Memosens technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com