Electronic Components Datasheet Search
  English  ▼

X  

SEN0220 Datasheet (PDF) - DFROBOT

SEN0220 Datasheet PDF - DFROBOT
Part # SEN0220
Download  SEN0220 Download
File Size   228.8 Kbytes
Page   6 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Infrared CO2 Sensor 0‐50000ppm SKU: SEN0220

SEN0220 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0220 Datasheet PDF - DFROBOT

Part # SEN0220
Download  SEN0220 Click to download

File Size   228.8 Kbytes
Page   6 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Infrared CO2 Sensor 0‐50000ppm SKU: SEN0220

SEN0220 Datasheet (HTML) - DFROBOT


SEN0220 Product details

Feature
 Wide Range
 High Sensitivity
 Low power consumption
 Excellent stability
 Temperature compensation
 Excellent linear output
 High cycle life
 Anti-water vapor interference
 No poisoning
 Need 5V power supply, even you are using a 3.3V microcontroller, like Genuino 101/ Raspberry Pi
or anything else.




Similar Part No. - SEN0220

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0221 DFROBOT-SEN0221 Datasheet
184Kb / 4P
Gravity: Hall Angle Sensor SKU: SEN0221
6-7-17
SEN0223 DFROBOT-SEN0223 Datasheet
223Kb / 5P
Conductivity Switch Sensor SKU: SEN0223
6-7-17
SEN0224 DFROBOT-SEN0224 Datasheet
335Kb / 6P
Gravity: I2C Triple Axis Accelerometer ‐ LIS2DH
5-3-17
SEN0226 DFROBOT-SEN0226 Datasheet
218Kb / 5P
Gravity: I2C BMP280 Barometer Sensor SKU: SEN0226
6-6-17
SEN0228 DFROBOT-SEN0228 Datasheet
285Kb / 6P
Gravity: I2C VEML7700 Ambient Light Sensor
9-19-17
More results


Similar Description - SEN0220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Zhengzhou Winsen Electr...
MG-812 WINSEN-MG-812 Datasheet
534Kb / 6P
Low Power-Consumption CO2 Sensor
MH-410D WINSEN-MH-410D Datasheet
343Kb / 8P
NDIR Infrared CO2 Gas Sensor
MH-Z19C WINSEN-MH-Z19C Datasheet
1Mb / 7P
Infrared CO2 Sensor Module
logo
Sensirion AG Switzerlan...
SCD30 SENSIRION-SCD30 Datasheet
572Kb / 8P
CO2, humidity, and temperature sensor
Version 1.0
logo
E+E Elektronik Ges.m.b....
EE820 EPLUSE-EE820 Datasheet
1Mb / 7P
CO2 Sensor for Demanding Applications
05-2023
EE850 EPLUSE-EE850 Datasheet
1Mb / 9P
CO2, Humidity and Temperature Duct Sensor
10-2022
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
CO2 Sensor for Railway Applications
08-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com