Electronic Components Datasheet Search
  English  ▼

X  

354500 Datasheet (PDF) - TE Connectivity Ltd

354500 Datasheet PDF - TE Connectivity Ltd
Part # 354500
Download  354500 Download
File Size   222.49 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description EP 2.5 Connector Series

354500 Datasheet (PDF)

Go To PDF Page Download Datasheet
354500 Datasheet PDF - TE Connectivity Ltd

Part # 354500
Download  354500 Click to download

File Size   222.49 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description EP 2.5 Connector Series

354500 Datasheet (HTML) - TE Connectivity Ltd


354500 Product details

KEY FEATURES
• .100” centerline (2.5 mm)
• 2 - 20 positions for discrete wires
AWG 26-22
• Voltage up to 250 VAC
• Current up to 3 A
• Housing locking latch
• Polarization tabs
• Asymmetrical terminals can only be loaded
one way
• Low insertion force terminals
• Contact lubrication

APPLICATIONS
• Household appliances
• HVAC
• Industrial machinery (e.g. control boards)

SPECIFICATIONS
• Product specification: 108-2418

Electrical
• Voltage rating: 250 VAC
• Current rating: 3 A

MECHANICAL
• Positions: 2 to 20 (single row)
• Wire size: 26 to 22 AWG discrete wire
• Centerline: .100’’ (2.5 mm)
• Operating temperature: -55 to 105 °C

MATERIALS
• Housings: UL 94V-0 rated nylon
• Contacts: Tin-plated Phos Bronze
• Color housings available upon request

STANDARDS
• UL recognized




Similar Part No. - 354500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354500 LITTELFUSE-354500 Datasheet
662Kb / 2P
OMNI-BLOK® Molded Base Fuse Block for 3AB/3AG Fuses
02/08/23
logo
TE Connectivity Ltd
354500 TEC-354500 Datasheet
218Kb / 2P
SL-156 Connector with TPA Device
More results


Similar Description - 354500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP13 ETC2-EP13 Datasheet
24Kb / 1P
COUPLING TRANSFORMER SERIES EP
logo
YUXIANG Magnetc materia...
EP7 YUXIANG-EP7 Datasheet
105Kb / 2P
EP Core
logo
Hammond Manufacturing L...
EP1212 HAMMOND-EP1212 Datasheet
92Kb / 1P
Inner Panels EP Series
logo
List of Unclassifed Man...
EP3WS47RJ ETC2-EP3WS47RJ Datasheet
230Kb / 5P
Type EP Series
logo
TE Connectivity Ltd
408-32061 TEC-408-32061 Datasheet
104Kb / 1P
Extraction Tool 2161958-1 for Economy Power (EP) 2.5
logo
Fair-Rite Products Corp...
6578070121 FAIR-RITE-6578070121 Datasheet
513Kb / 1P
EP Cores
6578200121 FAIR-RITE-6578200121 Datasheet
514Kb / 1P
EP Cores
6595100121 FAIR-RITE-6595100121 Datasheet
513Kb / 1P
EP Cores
logo
Texas Instruments
TMP9A00-EP TI-TMP9A00-EP_V01 Datasheet
1Mb / 23P
TMP9A00-EP ±2.5 °C Low-Power, Analog Out Temperature Sensor
REVISED FEBRUARY 2021
logo
Highly Electric Co., Lt...
EP-1-1-20 HIGHLY-EP-1-1-20 Datasheet
1Mb / 4P
EP SERIES SAFETY LIMIT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com